Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VB927 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VB927
Description  HIGH VOLTAGE IGNITION COIL DRIVER POWER IC
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VB927 Datasheet(HTML) 4 Page - STMicroelectronics

  VB927 Datasheet HTML 1Page - STMicroelectronics VB927 Datasheet HTML 2Page - STMicroelectronics VB927 Datasheet HTML 3Page - STMicroelectronics VB927 Datasheet HTML 4Page - STMicroelectronics VB927 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A
5.35
5.65
0.210
0.222
B
3.3
3.8
0.130
0.149
D
2.95
3.1
0.116
0.122
D1
1.88
2.08
0.074
0.081
E
0.45
1
0.017
0.039
F
0.75
1
0.029
0.039
F1
1.5
0.059
F2
1.3
0.051
G
10.16
0.400
G1
5.08
0.200
H
15.8
16.2
0.622
0.637
L
9
0.354
L1
20.25
20.75
0.797
0.817
L2
19.10
19.9
0.751
0.783
L3
22.8
23.6
0.897
0.929
L4
34.9
36.9
1.374
1.452
L5
4.85
5.25
0.190
0.206
L7
16
0.630
N
2.1
2.3
0.082
0.090
R
3.1
0.122
3.5
3.7
0.138
0.145
ISOWATT5 MECHANICAL DATA
VB927
4/5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com