Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VINCENT Datasheet(PDF) 1 Page - STMicroelectronics

Part # VINCENT
Description  CIGAR LIGHTER ADAPTER
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VINCENT Datasheet(HTML) 1 Page - STMicroelectronics

  VINCENT Datasheet HTML 1Page - STMicroelectronics VINCENT Datasheet HTML 2Page - STMicroelectronics VINCENT Datasheet HTML 3Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
IN CAR BATTERY CHARGER FOR MOBILE
PHONES
UNIVERSAL TIP COMPATIBLE WITH ANY
TYPE OF CIGAR CAR RECEPTACLES
LINE INPUT 10.8-16 VDC
SINGLE OUTPUT MAX 5W
EMC
COMPLIANCE
ACCORDING
TO
ETS300-342-1
COMPLIANT WITH UL2089 EMC REQUIRE-
MENTS
CE AND "Eirl" MARKING. UL MARKING
UPON REQUEST
OUTPUT CURRENT AND VOLTAGE LEVELS
ACCORDING TO CUSTOMER REQUIRE-
MENTS
OUTPUT VOLTAGE PRECISION: +/- 5%
OUTPUT
CURRENT
LIMITATION PRECI-
SION : +/- 15%
OUTPUT RIPPLE VOLTAGE <100 mVpp
INPUT FUSE PROTECTION
OUTPUT SHORT CIRCUIT PROTECTION
2 WIRES COILED DC CORD WITH STRAIN
RELIEF, TERMINATED WITH ANY CUSTOM
CONNECTOR.
OPTIONAL LED (GREEN OR RED) TO AC-
KNOWLEDGE DC POWER CONNECTION
EFFICIENCY TYPICALLY >75%
LOW STAND BY POWER
WEIGHT: 20 GRAMS
WITHOUT OUTPUT
DC CORD
DESCRIPTION
The Cigar Lighter Adapter VINCENT has been
designed for charging NiMH and NiCd batteries in
hand held mobile phones. VINCENT is a cost ef-
fective high efficiency DC/DC switching mode
current generator. At low current, the charger be-
haves like a constant voltage generator. The out-
put voltage and current levels are set up by de-
sign in accordance with customer requirements.
January 2000
®
PRODUCT VIEW
(CHARLIE Housing)
ORDERING NUMBER: GSCC4-xxyyCCC
VINCENT
CIGAR LIGHTER ADAPTER
PRELIMINARY data
xx = Output Voltage level (2 Digits)
yy = Output Current level (2 Digits)
CCC= Customer Identifier (3 Digits)
1/3


Similar Part No. - VINCENT

ManufacturerPart #DatasheetDescription
logo
Future Technology Devic...
VINCULUM-II FTDI-VINCULUM-II Datasheet
2Mb / 88P
Future Technology Devices International Ltd Vinculum-II Embedded Dual USB Host Controller IC
More results

Similar Description - VINCENT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CHARLIE STMICROELECTRONICS-CHARLIE Datasheet
76Kb / 3P
CIGAR LIGHTER ADAPTER
Jan-2000
FLC01-200D STMICROELECTRONICS-FLC01-200D Datasheet
57Kb / 7P
FIRE LIGHTER CIRCUIT
Oct-1999
FLC02-200D STMICROELECTRONICS-FLC02-200D Datasheet
70Kb / 7P
FIRE LIGHTER CIRCUIT
Feb-1996
FLC10-200H STMICROELECTRONICS-FLC10-200H Datasheet
54Kb / 7P
FIRE LIGHTER CIRCUIT
Jun-2000
FLC01-200H STMICROELECTRONICS-FLC01-200H Datasheet
128Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
FLC01-200X STMICROELECTRONICS-FLC01-200X Datasheet
115Kb / 8P
FIRE LIGHTER CIRCUIT
Apr-2002
logo
List of Unclassifed Man...
PSR-4C ETC2-PSR-4C Datasheet
30Kb / 1P
4 Amp Regulated 12V DC Power Supply with Cigarette Lighter Adapter
logo
STMicroelectronics
FLC01 STMICROELECTRONICS-FLC01 Datasheet
318Kb / 11P
Fire lighter circuit
27-May-2014
logo
SHENZHEN FUMAN ELECTRON...
FM7011GB FUMAN-FM7011GB Datasheet
236Kb / 4P
Electronic cigarette lighter
FM7011H FUMAN-FM7011H Datasheet
106Kb / 4P
Electronic cigarette lighter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com