Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7606ER-L/TR Datasheet(PDF) 1 Page - Exar Corporation

Part # SP7606ER-L/TR
Description  Wide Input Voltage Boost Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7606ER-L/TR Datasheet(HTML) 1 Page - Exar Corporation

  SP7606ER-L/TR Datasheet HTML 1Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 2Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 3Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 4Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 5Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 6Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 7Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 8Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
SP7606
12/17/07 rev: A
SP7600
©Copyright 2007 Exar Corporation
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-510-668-7000
page
1 of 17
Wide Input Voltage Boost Controller
FEATURES
• Fixed Frequency 1200kHz
Voltage-Mode PWM Operation
• Requires Tiny Inductors and Capacitors
• Adjustable Output Voltage up to 38V
• Up to 85% Efficiency
• Internal Compensation
• Built in current limit
• Low Supply Current
• 8-pin 2x3 DFN
APPLICATIONS
•
White LED Backlighting when combined with SP7615 or SP7616
•
Large LED arrays for general lighting
•
General boost, flyback, or SEPIC converters
GENERAL DESCRIPTION
The SP7606 is a fixed frequency boost controller designed to drive loads up to 38V output
voltage. The SP7606 was developed to be used in conjunction with the SP7616 to drive a wide
range of led chains that require high anode voltages. The ability to disconnect the output
voltage feedback resistors (DD Pin) reduces shutdown current. The high switching frequency
allows the use of tiny external components and saves layout space and cost. The SP7606 is
available in a space-saving 8-pin 2x3 DFN.
TYPICAL APPLICATION SCHEMATIC
Boost converter 12V to 30V
ABSOLUTE MAXIMUM RATINGS
PINOUT
VCC
DD
1
8
2
3
4
5
6
SP7606
SHDN
OC
7
2 x 3
VIN
GND
8 Pin DFN
FB
GATE
Now Available in Lead Free Packaging


Similar Part No. - SP7606ER-L/TR

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
SP7600 EXAR-SP7600 Datasheet
160Kb / 5P
Evaluation Board Masual
SP7600EB EXAR-SP7600EB Datasheet
160Kb / 5P
Evaluation Board Masual
SP7601 EXAR-SP7601 Datasheet
345Kb / 9P
29V High Voltage LED Driver
SP7601EK1-L EXAR-SP7601EK1-L Datasheet
345Kb / 9P
29V High Voltage LED Driver
SP7601EK1-L/TR EXAR-SP7601EK1-L/TR Datasheet
345Kb / 9P
29V High Voltage LED Driver
More results

Similar Description - SP7606ER-L/TR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM5118 NSC-LM5118 Datasheet
499Kb / 26P
Wide Voltage Range Buck-Boost Controller
LM5118_0805 NSC-LM5118_0805 Datasheet
499Kb / 26P
Wide Voltage Range Buck-Boost Controller
logo
Texas Instruments
LM5118Q1MH TI-LM5118Q1MH Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
LM5118Q1MHX-NOPB TI1-LM5118Q1MHX-NOPB Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
LM5118 TI1-LM5118_14 Datasheet
1Mb / 37P
Wide Voltage Range Buck-Boost Controller
logo
Linear Technology
LT3759IMSE LINER-LT3759IMSE Datasheet
445Kb / 32P
Wide Input Voltage Range Boost/SEPIC/Inverting Controller
LT3759 LINER-LT3759_15 Datasheet
445Kb / 32P
Wide Input Voltage Range Boost/SEPIC/Inverting Controller
logo
Texas Instruments
LM5118 TI-LM5118_15 Datasheet
1Mb / 44P
Wide Voltage Range Buck-Boost Controller
LM25122-Q1 TI1-LM25122-Q1 Datasheet
2Mb / 47P
Wide-Input Synchronous Boost Controller
LM5122 TI1-LM5122_16 Datasheet
2Mb / 49P
Wide-Input Synchronous Boost Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com