Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SP7606ER-L/TR Datasheet(PDF) 17 Page - Exar Corporation

Part # SP7606ER-L/TR
Description  Wide Input Voltage Boost Controller
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

SP7606ER-L/TR Datasheet(HTML) 17 Page - Exar Corporation

Back Button SP7606ER-L/TR Datasheet HTML 9Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 10Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 11Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 12Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 13Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 14Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 15Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 16Page - Exar Corporation SP7606ER-L/TR Datasheet HTML 17Page - Exar Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
SP7606
12/17/07 rev: A
SP7600
©Copyright 2007 Exar Corporation
EXAR RESERVES THE RIGHT TO MAKE CHANGES TO THIS DATASHEET. CALL FOR UPDATES: 1-510-668-7000
page
17 of 17
ORDERING INFORMATION
Part Number
Junction Temperature Range
Package
SP7606ER-L ................. -40oC to +125oC....................................Lead Free 8-PIN 2 x 3 mm DFN
SP7606ER-L/TR............ -40oC to +125oC........... Tape and Real Lead Free 8-PIN 2 x 3 mm DFN
Pack Quantity for tape and real is 3000
REVISION HISTORY
DATE
REVISION
DESCRIPTION
December 2007
A
Original Release
For further assistance:
Email:
customersupport@exar.com
EXAR Technical Documentation:
http://www.exar.com/TechDoc/default.aspx?
Exar Corporation
Headquarters and
Sales Office
48720 Kato Road
Fremont, CA 94538
main: 510-668-7000
fax: 510-668-7030
EXAR Corporation reserves the right to make changes to the products contained in this
publication in order to improve design, performance or reliability. EXAR Corporation assumes
no responsibility for the use of any circuits described herein, conveys no license under any
patent or other right, and makes no representation that the circuits are free of patent
infringement. Charts and schedules contained here in are only for illustration purposes and may
vary depending upon a user’s specific application. While the information in this publication has
been carefully checked; no responsibility, however, is assumed for inaccuracies.
EXAR Corporation does not recommend the use of any of its products in life support
applications where the failure or malfunction of the product can reasonably be expected to
cause failure of the life support system or to significantly affect its safety or effectiveness.
Products are not authorized for use in such applications unless EXAR Corporation receives, in
writing, assurances to its satisfaction that: (a) the risk of injury or damage has been minimized;
(b) the user assumes all such risks; (c) potential liability of EXAR Corporation is adequately
protected under the circumstances.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com