Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021 Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT25DF021
Description  2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021 Datasheet(HTML) 3 Page - ATMEL Corporation

  AT25DF021 Datasheet HTML 1Page - ATMEL Corporation AT25DF021 Datasheet HTML 2Page - ATMEL Corporation AT25DF021 Datasheet HTML 3Page - ATMEL Corporation AT25DF021 Datasheet HTML 4Page - ATMEL Corporation AT25DF021 Datasheet HTML 5Page - ATMEL Corporation AT25DF021 Datasheet HTML 6Page - ATMEL Corporation AT25DF021 Datasheet HTML 7Page - ATMEL Corporation AT25DF021 Datasheet HTML 8Page - ATMEL Corporation AT25DF021 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
3672A–CNFG–1/08
AT18F010/002/040/080 [Preliminary]
4.
Device Description
The download interface of the configuration memory will directly communicate with the FPGA
through the interface-control signals (CLK, RESET/OE, CE) to initialize and terminate configura-
tion. All FPGA devices in the master serial mode can control the entire configuration process to
receive data from the configuration device without requiring an external intelligent controller.
When FPGA devices are used in slave serial mode, an external clock signal can be applied to
the CLK pin of an AT18F series device as a configuration loading clock. Multiple FPGAs that are
setup in Master Serial and Slave Serial modes can also be used to control the configuration pro-
cess to obtain data from a single configurator or cascaded configurators. Please contact Atmel
at configurator@atmel.com for detailed descriptions.
The CF pin is used as an optional input pin for the JTAG CONFIG instruction to initialize the
FPGA configuration without requiring powering down the device. The RESET/OE and CE pins
control the tri-state buffer on the DATA output pin and enable the address counter. When
RESET/OE is driven Low, the configuration device resets its address counter and tri-states its
DATA pin. The CE pin also controls the output of the AT18F Series Configurator. If CE is held
High after the RESET/OE reset pulse, the counter is reset and the DATA output pin is tri-stated.
When the configurator has driven out all of its data and CEO is driven Low, the device tri-states
the DATA pin to avoid contention with other configurators. Upon power-up, the address counter
is automatically reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com