Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF021 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT25DF021
Description  2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF021 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT25DF021 Datasheet HTML 1Page - ATMEL Corporation AT25DF021 Datasheet HTML 2Page - ATMEL Corporation AT25DF021 Datasheet HTML 3Page - ATMEL Corporation AT25DF021 Datasheet HTML 4Page - ATMEL Corporation AT25DF021 Datasheet HTML 5Page - ATMEL Corporation AT25DF021 Datasheet HTML 6Page - ATMEL Corporation AT25DF021 Datasheet HTML 7Page - ATMEL Corporation AT25DF021 Datasheet HTML 8Page - ATMEL Corporation AT25DF021 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Features
Very Low-cost Configuration Memory
Programmable 1,048,576 x 1, 2,097,152 x 1, 4,194,304 x 1 and 7,340,032 x 1-bit Serial
Memories Designed to Store Configuration Programs for Field Programmable Gate
Arrays (FPGAs)
1.8V, 2.5V, and 3.3V I/O
3.3V Supply Voltage
Program Support using an Atmel Programmer or Industry-standard Third Party
Programmers
In-System Programmable (ISP) via JTAG Interface (IEEE 1532)
IEEE 1149.1 Boundary-scan Testability
Simple Interface to SRAM FPGAs
Pin Compatible with Xilinx® XCFxxS Series Platform Flash PROM to Configure Xilinx
Spartan® and Virtex® FPGAs
Cascadable Read-back to Support Additional Configurations or Higher-density FPGAs
Low-power CMOS FLASH Process
Available in 20-lead TSSOP Package
Low-power Standby Mode
Fast Serial Download Speeds up to 33 MHz
Endurance: 100,000 Write Cycles Typical
Green (Pb/Halide-free/RoHS Compliant) Package
Functionally-compatible with Existing AT17 Series Configuration Memories to
Configure Atmel AT40KAL Series FPGAs
1.
Description
The AT18F Series of JTAG In-System Programmable Configuration PROMs (Configu-
rators) provide an easy-to-use, cost-effective configuration memory for Field
Programmable Gate Arrays. The AT18F Series device is packaged in a 20-lead
TSSOP. The AT18F Series Configurator uses a simple serial-access procedure to
configure one or more FPGA devices.
The AT18F Series Configurators can be programmed with Atmel or industry-standard,
third-party, stand-alone programmers such as BP, Data I/O, Hi-Lo, etc.
AT18F Series Configuration Memory Offering
AT18F010
AT18F002
AT18F040
AT18F080
Density
1 Mbit
2 Mbit
4 Mbit
7 Mbit
JTAG Programming
Yes
VCCINT
3.3V
VCCO
1.8-3.3V
VCCJ
1.8-3.3V
Configuration Clock
33 MHz
Package
20-lead TSSOP
Green Package
Yes
FPGA
Configuration
Flash Memory
AT18F010
AT18F002
AT18F040
AT18F080
Preliminary
3672A–CNFG–1/08


Similar Part No. - AT25DF021

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF021 ATMEL-AT25DF021 Datasheet
972Kb / 41P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021-MH-T ATMEL-AT25DF021-MH-T Datasheet
972Kb / 41P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021-MH-T ETC2-AT25DF021-MH-T Datasheet
914Kb / 41P
2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
logo
ATMEL Corporation
AT25DF021-MH-Y ATMEL-AT25DF021-MH-Y Datasheet
972Kb / 41P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021-MH-Y ETC2-AT25DF021-MH-Y Datasheet
914Kb / 41P
2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
More results

Similar Description - AT25DF021

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25DF041A ATMEL-AT25DF041A_08 Datasheet
868Kb / 41P
4-megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF081 ATMEL-AT25DF081 Datasheet
784Kb / 38P
8-megabit 1.65-volt Minimum SPI Serial Flash Memory
AT25DF321A ATMEL-AT25DF321A Datasheet
1Mb / 58P
32-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF641 ATMEL-AT25DF641 Datasheet
1Mb / 59P
64-Megabit 2.7-volt Minimum SPI Serial Flash Memory
AT26DF081A ATMEL-AT26DF081A_09 Datasheet
850Kb / 40P
8-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF041A ATMEL-AT25DF041A_09 Datasheet
869Kb / 41P
4-megabit 2.3-volt or 2.7volt Minimum SPI Serial Flash Memory
AT25DF321 ATMEL-AT25DF321_09 Datasheet
842Kb / 37P
32-megabit 2.7-volt Minimum SPI Serial Flash Memory
AT25DF021 ATMEL-AT25DF021_09 Datasheet
972Kb / 41P
2-Megabit 2.3-volt or 2.7-volt Minimum SPI Serial Flash Memory
AT25DF161 ATMEL-AT25DF161 Datasheet
1Mb / 60P
16-Megabit 2.7-volt Minimum SPI Serial Flash Memory
logo
List of Unclassifed Man...
AT25DF021 ETC2-AT25DF021_12 Datasheet
914Kb / 41P
2-Megabit 2.3Volt or 2.7-Volt Minimum SPI Serial Falsh Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com