Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25DF081 Datasheet(PDF) 34 Page - ATMEL Corporation

Part # AT25DF081
Description  8-megabit 1.65-volt Minimum SPI Serial Flash Memory
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25DF081 Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button AT25DF081 Datasheet HTML 30Page - ATMEL Corporation AT25DF081 Datasheet HTML 31Page - ATMEL Corporation AT25DF081 Datasheet HTML 32Page - ATMEL Corporation AT25DF081 Datasheet HTML 33Page - ATMEL Corporation AT25DF081 Datasheet HTML 34Page - ATMEL Corporation AT25DF081 Datasheet HTML 35Page - ATMEL Corporation AT25DF081 Datasheet HTML 36Page - ATMEL Corporation AT25DF081 Datasheet HTML 37Page - ATMEL Corporation AT25DF081 Datasheet HTML 38Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
34
3674E–DFLASH–8/08
AT25DF081
14.3
Ordering Code Detail – Wafer Level Options
Notes:
1. Die/wafer carrier option code is not marked on devices.
2. Please contact Atmel for minimum order requirements for bare die and bumped die options.
14.4
Green Package Options (Pb/Halide-free/RoHS Compliant)
Ordering Code
Package
Lead Finish
Operating Voltage
fSCK (MHz)
Operation Range
AT25DF081-WDT20N
AT25DF081-WDT11N
Bare Die
n/a
1.65V to 1.95V
66
Industrial
(-40°C to +85°C)
AT25DF081-WBT11N
Bumped Die
Sn-Ag
AT 2 5 D
0 8
W BT
N
1
–
11
F
Atmel Designator
Product Family
Device Density
08 = 8-megabit
Interface
1 = Serial
Wafer Level Option
WD = Bare die
WB = Bumped die, Pb-Free
Die/Wafer Carrier Option
T = Tape and reel
Die/Wafer Backgrind Thickness
20 = 20mils
11 = 11mils
Operating Voltage
N = 1.65V minimum (1.65V to 1.95V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com