Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT25F512B Datasheet(PDF) 21 Page - ATMEL Corporation

Part # AT25F512B
Description  512-Kilobit 2.7-volt Minimum SPI Serial Flash Memory
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25F512B Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button AT25F512B Datasheet HTML 17Page - ATMEL Corporation AT25F512B Datasheet HTML 18Page - ATMEL Corporation AT25F512B Datasheet HTML 19Page - ATMEL Corporation AT25F512B Datasheet HTML 20Page - ATMEL Corporation AT25F512B Datasheet HTML 21Page - ATMEL Corporation AT25F512B Datasheet HTML 22Page - ATMEL Corporation AT25F512B Datasheet HTML 23Page - ATMEL Corporation AT25F512B Datasheet HTML 24Page - ATMEL Corporation AT25F512B Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 34 page
background image
21
3689C–DFLASH–12/08
AT25F512B [Preliminary]
Figure 12-1. Read Manufacturer and Device ID
12.2
Read ID (Legacy Command)
Identification information can be read from the device to enable systems to electronically query
and identify the device while it is in system. The preferred method for doing so is the JEDEC
standard “Read Manufacturer and Device ID” method described in Section 12.1 on page 20;
however, the legacy Read ID command is supported on the AT25F512B to enable backwards
compatibility to previous generation devices.
To read the identification information, the CS pin must first be asserted and the opcode of 15h
must be clocked into the device. After the opcode has been clocked in, the device will begin out-
putting the identification data on the SO pin during the subsequent clock cycles. The first byte
that will be output will be the Manufacturer ID of 1Fh followed by a single byte of data represent-
ing a device code of 65h. After the device code is output, the SO pin will go into a high-
impendance state; therefore, additional clock cycles will have no affect on the SO pin and no
data will be output.
Deasserting the CS pin will terminate the Read ID operation and put the SO pin into a high-
impedance state. The CS pin can be deasserted at any time and does not require that a full byte
of data read.
Figure 12-2. Read ID (Legacy Command)
SCK
CS
SI
SO
6
0
9Fh
8
7
38
OPCODE
1Fh
65h
00h
00h
MANUFACTURER ID
DEVICE ID
BYTE1
DEVICE ID
BYTE2
EXTENDED
DEVICE
INFORMATION
STRING LENGTH
HIGH-IMPEDANCE
14
16
15
22
24
23
30
32
31
Note: Each transition
shown for SI and SO represents one byte (8 bits)
SCK
CS
SI
SO
MSB
23
1
0
00010101
67
5
410 11
9
812
21 22
17
20
19
18
15 16
13 14
OPCODE
MSB
01111
1
0
0
MSB
10010
1
1
0
MANUFACTURER
ID
DEVICE
CODE
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com