Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF321 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT26DF321
Description  32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF321 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT26DF321_07 Datasheet HTML 10Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 11Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 12Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 13Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 14Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 15Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 16Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 17Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 35 page
background image
14
3633E–DFLASH–10/07
AT26DF321
issue the Unprotect Sector command will be ignored, and the device will reset the WEL bit in the
Status Register back to a logical “0” and return to the idle state once the CS pin has been
deasserted.
Figure 9-4.
Unprotect Sector
9.5
Global Protect/Unprotect
The Global Protect and Global Unprotect features can work in conjunction with the Protect Sec-
tor and Unprotect Sector functions. For example, a system can globally protect the entire
memory array and then use the Unprotect Sector command to individually unprotect certain sec-
tors and individually reprotect them later by using the Protect Sector command. Likewise, a
system can globally unprotect the entire memory array and then individually protect certain sec-
tors as needed.
Performing a Global Protect or Global Unprotect is accomplished by writing a certain combina-
tion of data to the Status Register using the Write Status Register command (see “Write Status
Register” section on page 21 for command execution details). The Write Status Register com-
mand is also used to modify the SPRL (Sector Protection Registers Locked) bit to control
hardware and software locking.
To perform a Global Protect, the appropriate WP pin and SPRL conditions must be met and the
system must write a logical “1” to bits 5, 4, 3, and 2 of the Status Register. Conversely, to per-
form a Global Unprotect, the same WP and SPRL conditions must be met but the system must
write a logical “0” to bits 5, 4, 3, and 2 of the Status Register. Table 9-2 details the conditions
necessary for a Global Protect or Global Unprotect to be performed.
SCK
CS
SI
SO
MSB
MSB
23
1
0
00111001
67
5
410 11
9
812
31
29 30
27 28
26
OPCODE
AAAA
AAA
A
A
A
A
A
ADDRESS BITS A23-A0
HIGH-IMPEDANCE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com