Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT26DF321 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT26DF321
Description  32-megabit 2.7-volt Only Serial Firmware DataFlash Memory
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT26DF321 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT26DF321_07 Datasheet HTML 27Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 28Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 29Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 30Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 31Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 32Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 33Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 34Page - ATMEL Corporation AT26DF321_07 Datasheet HTML 35Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 33 / 35 page
background image
33
3633E–DFLASH–10/07
AT26DF321
16. Revision History
Revision Level – Release Date
History
A – May 2006
Initial release
B – July 2006
Corrected typographical errors.
C – August 2006
Changed description of bit 5 in Table 10-1 from “0” to “x” and specified that the value is
undefined.
Removed MLF package offerings.
Added 8-lead SOIC (200-mil wide) package.
Changed ordering code for 16-lead SOIC from AT26DF321-SU to AT26DF321-S3U.
Added errata regarding Chip Erase.
D – April 2007
Removed “Preliminary” from datasheet.
Added information regarding EPE bit.
- Added text to “Byte/Page Program” section.
- Added text to “Block Erase” section.
- Added text to “Chip Erase” section.
- Added EPE bit description (bit 5) to Table 10-1.
Improved erase times in “Program and Erase Characteristics” table.
- Reduced 64KB typical block erase time from 700 ms to 600 ms.
- Reduced 64KB maximum block erase time from 1000 ms to 950 ms.
E – October 2007
Added statement recommending AT25DF321 for new designs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com