Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER20ADIP Datasheet(PDF) 16 Page - STMicroelectronics

Part # VIPER20ADIP
Description  SMPS PRIMARY I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20ADIP Datasheet(HTML) 16 Page - STMicroelectronics

Back Button VIPER20ADIP Datasheet HTML 12Page - STMicroelectronics VIPER20ADIP Datasheet HTML 13Page - STMicroelectronics VIPER20ADIP Datasheet HTML 14Page - STMicroelectronics VIPER20ADIP Datasheet HTML 15Page - STMicroelectronics VIPER20ADIP Datasheet HTML 16Page - STMicroelectronics VIPER20ADIP Datasheet HTML 17Page - STMicroelectronics VIPER20ADIP Datasheet HTML 18Page - STMicroelectronics VIPER20ADIP Datasheet HTML 19Page - STMicroelectronics VIPER20ADIP Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 25 page
background image
16/25
VIPer20/SP/DIP - VIPer20A/ASP/ADIP
Figure 22: Input Voltage Surges Protection
ELECTRICAL OVER STRESS RUGGEDNESS
The VIPer may be submitted to electrical over
stress caused by violent input voltage surges or
lightning.
Following
the
enclosed
Layout
Considerations chapter rules is the most of the
time sufficient to prevent catastrophic damages,
however in some cases the voltage surges
coupled through the transformer auxiliary winding
can overpass the VDD pin absolute maximum
rating voltage value. Such events may trigger the
VDD internal protection circuitry which could be
damaged by the strong discharge current of the
VDD bulk capacitor. The simple RC filter shown in
figure 22 can be implemented to improve the
application immunity to such surges.
C1
Bulk capacitor
D1
R1
(Optional)
C2
22nF
Auxilliary winding
13V
OSC
COMP SOURCE
DRAIN
VDD
-
+
VIPerXX0
R2
39R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com