Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VIPER20ADIP Datasheet(PDF) 20 Page - STMicroelectronics

Part # VIPER20ADIP
Description  SMPS PRIMARY I.C.
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VIPER20ADIP Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VIPER20ADIP Datasheet HTML 16Page - STMicroelectronics VIPER20ADIP Datasheet HTML 17Page - STMicroelectronics VIPER20ADIP Datasheet HTML 18Page - STMicroelectronics VIPER20ADIP Datasheet HTML 19Page - STMicroelectronics VIPER20ADIP Datasheet HTML 20Page - STMicroelectronics VIPER20ADIP Datasheet HTML 21Page - STMicroelectronics VIPER20ADIP Datasheet HTML 22Page - STMicroelectronics VIPER20ADIP Datasheet HTML 23Page - STMicroelectronics VIPER20ADIP Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
20/25
VIPer20/SP/DIP - VIPer20A/ASP/ADIP
1
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
A
4.30
4.80
0.169
0.189
C
1.17
1.37
0.046
0.054
D
2.40
2.80
0.094
0.110
E
0.35
0.55
0.014
0.022
F
0.60
0.80
0.024
0.031
G1
4.91
5.21
0.193
0.205
G2
7.49
7.80
0.295
0.307
H1
9.30
9.70
0.366
0.382
H2
10.40
0.409
H3
10.05
10.40
0.396
0.409
L
16.42
17.42
0.646
0.686
L1
14.60
15.22
0.575
0.599
L3
20.52
21.52
0.808
0.847
L5
2.60
3.00
0.102
0.118
L6
15.10
15.80
0.594
0.622
L7
6.00
6.60
0.236
0.260
M
2.50
3.10
0.098
0.122
M1
5.00
5.70
0.197
0.224
R
0.50
0.020
V4
90°
90°
Diam.
3.70
3.90
0.146
0.154
PENTAWATT HV 022Y (VERTICAL HIGH PITCH) MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com