Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN02ANSP Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN02ANSP
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02ANSP Datasheet(HTML) 4 Page - STMicroelectronics

  VN02ANSP Datasheet HTML 1Page - STMicroelectronics VN02ANSP Datasheet HTML 2Page - STMicroelectronics VN02ANSP Datasheet HTML 3Page - STMicroelectronics VN02ANSP Datasheet HTML 4Page - STMicroelectronics VN02ANSP Datasheet HTML 5Page - STMicroelectronics VN02ANSP Datasheet HTML 6Page - STMicroelectronics VN02ANSP Datasheet HTML 7Page - STMicroelectronics VN02ANSP Datasheet HTML 8Page - STMicroelectronics VN02ANSP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
PROTECTION AND DIAGNOSTICS (-40
oC ≤ Tj ≤ 125 oC unless otherwise specified)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VSTAT
St atus Voltage Out put
Low
ISTAT =1.6 mA
0.4
V
ISTAT
St atus Leakage Current VSTAT =5 V
10
µA
VUSD
Under Voltage Shut
Down
3. 5
6
7
V
VSCL
St atus Clamp Voltage
ISTAT =10 mA
ISTAT =-10 mA
5. 5
6
-0. 7
-0.3
V
V
IOV
Over Current
RLOAD <10 m
Ω
15
A
Iav
Average Current I n
Short Circuit
RLOAD <10 m
Ω
Tc =85
oC0.6
A
IDOFF
Leakage Current
VCC =30 V
1
mA
TTSD
Thermal Shut-down
Temperat ure
140
oC
TR
Reset Temperature
125
oC
(*) The Vih is internally clamped at about 6V. It is possible to connect this pin to a higher voltage via an external resistor calculated to not
exceed 10 mA at the input pin.
TRUTH TABLE
INPUT
DIAGNOSTIC
O UTPUT
Normal Operation
L
H
H
H
L
H
O ver-t emperature
H
L
L
Under-voltage
X
H
L
Figure 1: Waveforms
VN02ANSP
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com