Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN02ANSP Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN02ANSP
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN02ANSP Datasheet(HTML) 5 Page - STMicroelectronics

  VN02ANSP Datasheet HTML 1Page - STMicroelectronics VN02ANSP Datasheet HTML 2Page - STMicroelectronics VN02ANSP Datasheet HTML 3Page - STMicroelectronics VN02ANSP Datasheet HTML 4Page - STMicroelectronics VN02ANSP Datasheet HTML 5Page - STMicroelectronics VN02ANSP Datasheet HTML 6Page - STMicroelectronics VN02ANSP Datasheet HTML 7Page - STMicroelectronics VN02ANSP Datasheet HTML 8Page - STMicroelectronics VN02ANSP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
FUNCTIONAL DESCRIPTION
The device has a diagnostic output which
indicates over temperature conditions.
The truth table shows input, diagnostic output
status and
output voltage level in
normal
operation and fault conditions. The output signals
are processed by internal logic.
To protect the device against short circuit and
over current conditions, the thermal protection
turns the integrated Power MOS off at a minimum
junction temperature of 140
oC. When the
temperature returns to 125
oC the switch is
automatically turned on again. To ensure the
protection in all VCC conditions and in all the
junction temperature range it is necessary to limit
the voltage drop across Drain and Source (pin 3
and 5) at 28V according to:
Vds =VCC -IOV *(Ri +Rw +Rl)
where:
Ri = internal resistence of Power Supply
Rw = Wires resistance
Rl = Short Circuit resistance
Driving inductive loads, an internal function of the
device ensures the fast demagnetization with
typical voltage (Vdemag) of -18V.
This function allows the reduction of the power
dissipation according to the formula:
Pdem = 0.5 * Lload *(Iload)
2 * [(VCC +Vdem)/Vdem]* f
where f = Switching Frequency
Based on this formula it is possible to know the
value of inductance and/or current to avoid a
thermal shut-down.
PROTECTING THE DEVICE AGAINST RE-
VERSE BATTERY
The simpliest way to protect the device against a
continuous reverse battery voltage (-36V) is to
insert a Schottky diode between pin 1 (GND) and
ground, as shown in the typical application circuit
(Fig. 3). The consequences of the voltage drop
across this diode are as follows:
If the input is pulled to power GND, a negative
voltage of -Vf is seen by the device. (Vil,Vih
thresholds and Vstat are increased by Vf with
respect to power GND).
The undervoltage shut-down level is increased by
Vf.
If there is no need for the control unit to handle
external analog signals referred to the power
GND, the best approach is to connect the
reference potential of the control unit to node [1]
(see application circuit in fig. 4), which becomes
the common signal GND for the whole control
board avoiding shift of Vih,Vil and Vstat. This
solution allows the use of a standard diode.
Figure 2: Over Current Test Circuit
VN02ANSP
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com