Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH1RT Datasheet(PDF) 13 Page - ATMEL Corporation

Part # MH1RT
Description  Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MH1RT Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button MH1RT Datasheet HTML 9Page - ATMEL Corporation MH1RT Datasheet HTML 10Page - ATMEL Corporation MH1RT Datasheet HTML 11Page - ATMEL Corporation MH1RT Datasheet HTML 12Page - ATMEL Corporation MH1RT Datasheet HTML 13Page - ATMEL Corporation MH1RT Datasheet HTML 14Page - ATMEL Corporation MH1RT Datasheet HTML 15Page - ATMEL Corporation MH1RT Datasheet HTML 16Page - ATMEL Corporation MH1RT Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
13
4110K–AERO–11/07
MH1RT
5.
Tolerant Buffers (including cold spearing):
IO = -1.0, -1.3, -1.4 mA measured at VOH = 2.0, 2.4, 2.4V in 2.5, 3.0, 3.3V range respectively.
Compliant Buffers (VCC = 4.5V)
IO = -1.1, -1.4, -1.6 mA measured at VOH = 2.0, 2.4, 2.4 V in 2.5, 3.0, 3.3V range respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com