Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MH1RT Datasheet(PDF) 2 Page - ATMEL Corporation

Part # MH1RT
Description  Rad Hard 1.6M Used Gates 0.35 關m CMOS Sea of Gates/ Embedded Array
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

MH1RT Datasheet(HTML) 2 Page - ATMEL Corporation

  MH1RT Datasheet HTML 1Page - ATMEL Corporation MH1RT Datasheet HTML 2Page - ATMEL Corporation MH1RT Datasheet HTML 3Page - ATMEL Corporation MH1RT Datasheet HTML 4Page - ATMEL Corporation MH1RT Datasheet HTML 5Page - ATMEL Corporation MH1RT Datasheet HTML 6Page - ATMEL Corporation MH1RT Datasheet HTML 7Page - ATMEL Corporation MH1RT Datasheet HTML 8Page - ATMEL Corporation MH1RT Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
4110K–AERO–11/07
MH1RT
Notes:
1. Nominal 2 Input NAND Gate FO = 2 at 3.3V.
Design
Design Systems
Supported
Atmel supports several major software systems for design with complete macro cell libraries, as
well as utilities for checking the netlist and estimated pre-route delay simulations.
The following design systems are supported:
Table 1. List of Available MH1RT Matrices
Device
Number
Typical Routable
Gates
Max Pad
Count
Max
I/O Count
Gate
Speed(1)
Max. Sites Count
MH1099E
519,000
332
324
180 ps
920,385
MH1156E
764,000
412
404
180 ps
1,447,975
MH1242E
1,198,000
512
504
180 ps
2,275,377
MH1332E
1,634,000
596
588
180 ps
3,098,804
Table 2. Supported design systems
System
Available Tools
Cadence
Verilog-XL
® - Verilog Simulator
Logic Design Planner™ - Floorplanner
BuildGates
® - Synthesis (Ambit)
Mentor/Model Tech
Modelsim Verilog and VHDL (VITAL) Simulator
DFT- Scan insertion and ATPG, BIST
Synopsys
®
Design Compiler™ - Synthesis
Primetime
® - Static Path
Formality
® - Equivalence Checking



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com