Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC02CA-RATUM Datasheet(PDF) 81 Page - ATMEL Corporation

Part # AT89C51CC02CA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02CA-RATUM Datasheet(HTML) 81 Page - ATMEL Corporation

Back Button AT89C51CC02CA-RATUM Datasheet HTML 77Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 78Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 79Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 80Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 81Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 82Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 83Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 84Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 85Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 159 page
background image
81
AT/T89C51CC02
4126L–CAN–01/08
Buffer Mode
Any message object can be used to define one buffer, including non-consecutive mes-
sage objects, and with no limitation in number of message objects used up to 4.
Each message object of the buffer must be initialized CONCH2 = 1 and CONCH1 = 1;
Figure 38. Buffer Mode
The same acceptance filter must be defined for each message objects of the buffer.
When there is no mask on the identifier or the IDE, all messages are accepted.
A received frame will always be stored in the lowest free message object.
When the flag RxOk is set on one of the buffer message objects, this message object
can then be read by the application. This flag must then be cleared by the software and
the message object re-enabled in buffer reception in order to free the message object.
The OVRBUF flag in the CANGIT register is set when the buffer is full. This flag can
generate an interrupt.
The frames following the buffer-full interrupt will not be stored and no status will be over-
written in the CANSTCH registers involved in the buffer until at least one of the buffer
message objects is re-enabled in reception.
This flag must be cleared by the software in order to acknowledge the interrupt.
IT CAN Management
The different interrupts are:
•
Transmission interrupt
•
Reception interrupt
•
Interrupt on error (bit error, stuff error, crc error, form error, acknowledge error)
•
Interrupt when Buffer receive is full
•
Interrupt on overrun of CAN Timer
message object 0
message object 1
message object 2
message object 3
Block buffer
buffer 0
buffer 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com