Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC02CA-RATUM Datasheet(PDF) 13 Page - ATMEL Corporation

Part # AT89C51CC02CA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02CA-RATUM Datasheet(HTML) 13 Page - ATMEL Corporation

Back Button AT89C51CC02CA-RATUM Datasheet HTML 9Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 10Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 11Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 12Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 13Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 14Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 15Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 16Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 17Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 159 page
background image
13
AT/T89C51CC02
4126L–CAN–01/08
CANEN
CFh
CAN Enable
Channel byte
ENCH3
ENCH2
ENCH1
ENCH0
CANGIE
C1h
CAN General
Interrupt Enable
ENRX
ENTX
ENERCH
ENBUF
ENERG
CANIE
C3h
CAN Interrupt
Enable Channel
byte
IECH3
IECH2
IECH1
IECH0
CANSIT
BBh
CAN Status Interrupt
Channel byte
SIT3
SIT2
SIT1
SIT0
CANTCON
A1h
CAN Timer Control
TPRESC 7
TPRESC 6
TPRESC 5
TPRESC 4
TPRESC 3
TPRESC 2
TPRESC 1
TPRESC 0
CANTIMH
ADh
CAN Timer high
CANTIM 15
CANTIM 14
CANTIM 13
CANTIM 12
CANTIM 11
CANTIM 10
CANTIM 9
CANTIM 8
CANTIML
ACh
CAN Timer low
CANTIM 7
CANTIM 6
CANTIM 5
CANTIM 4
CANTIM 3
CANTIM 2
CANTIM 1
CANTIM 0
CANSTMPH
AFh
CAN Timer Stamp
high
TIMSTMP
15
TIMSTMP
14
TIMSTMP
13
TIMSTMP
12
TIMSTMP 11
TIMSTMP
10
TIMSTMP 9
TIMSTMP 8
CANSTMPL
AEh
CAN Timer Stamp
low
TIMSTMP7
TIMSTMP 6
TIMSTMP 5
TIMSTMP 4
TIMSTMP 3
TIMSTMP 2
TIMSTMP 1
TIMSTMP 0
CANTTCH
A5h
CAN Timer TTC
high
TIMTTC 15
TIMTTC 14
TIMTTC 13
TIMTTC 12
TIMTTC 11
TIMTTC 10
TIMTTC
9
TIMTTC
8
CANTTCL
A4h
CAN Timer TTC low
TIMTTC
7
TIMTTC
6
TIMTTC
5
TIMTTC
4
TIMTTC
3
TIMTTC
2
TIMTTC
1
TIMTTC
0
CANTEC
9Ch
CAN Transmit Error
Counter
TEC7
TEC6
TEC5
TEC4
TEC3
TEC2
TEC1
TEC0
CANREC
9Dh
CAN Receive Error
Counter
REC7
REC6
REC5
REC4
REC3
REC2
REC1
REC0
CANPAGE
B1h
CAN Page
-
-
CHNB1
CHNB0
AINC
INDX2
INDX1
INDX0
CANSTCH
B2h
CAN Status Channel
DLCW
TXOK
RXOK
BERR
SERR
CERR
FERR
AERR
CANCONCH
B3h
CAN Control
Channel
CONCH1
CONCH0
RPLV
IDE
DLC3
DLC2
DLC1
DLC0
CANMSG
A3h
CAN Message Data
MSG7
MSG6
MSG5
MSG4
MSG3
MSG2
MSG1
MSG0
CANIDT1
BCh
CAN Identifier Tag
byte 1(Part A)
CAN Identifier Tag
byte 1(PartB)
IDT10
IDT28
IDT9
IDT27
IDT8
IDT26
IDT7
IDT25
IDT6
IDT24
IDT5
IDT23
IDT4
IDT22
IDT3
IDT21
CANIDT2
BDh
CAN Identifier Tag
byte 2 (PartA)
CAN Identifier Tag
byte 2 (PartB)
IDT2
IDT20
IDT1
IDT19
IDT0
IDT18
-
IDT17
-
IDT16
-
IDT15
-
IDT14
-
IDT13
CANIDT3
BEh
CAN Identifier
Tag byte 3(PartA)
CAN Identifier
Tag byte 3(PartB)
-
IDT12
-
IDT11
-
IDT10
-
IDT9
-
IDT8
-
IDT7
-
IDT6
-
IDT5
CANIDT4
BFh
CAN Identifier
Tag byte 4(PartA)
CAN Identifier
Tag byte 4(PartB)
-
IDT4
-
IDT3
-
IDT2
-
IDT1
-
IDT0
RTRTAG
-
RB1TAG
RB0TAG
CANIDM1
C4h
CAN Identifier Mask
byte 1(PartA)
CAN Identifier Mask
byte 1(PartB)
IDMSK10
IDMSK28
IDMSK9
IDMSK27
IDMSK8
IDMSK26
IDMSK7
IDMSK25
IDMSK6
IDMSK24
IDMSK5
IDMSK23
IDMSK4
IDMSK22
IDMSK3
IDMSK21
Table 9. CAN SFRs (Continued)
Mnemonic
Add Name
765
432
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com