Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C51CC02CA-RATUM Datasheet(PDF) 138 Page - ATMEL Corporation

Part # AT89C51CC02CA-RATUM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C51CC02CA-RATUM Datasheet(HTML) 138 Page - ATMEL Corporation

Back Button AT89C51CC02CA-RATUM Datasheet HTML 134Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 135Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 136Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 137Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 138Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 139Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 140Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 141Page - ATMEL Corporation AT89C51CC02CA-RATUM Datasheet HTML 142Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 159 page
background image
138
AT/T89C51CC02
4126L–CAN–01/08
Table 112. IPH0 Register
IPH0 (B7h)
Interrupt High Priority Register
Reset Value = X000 0000b
765
43210
-
PPCH
PT2H
PSH
PT1H
PX1H
PT0H
PX0H
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
PPCH
PCA Interrupt Priority Level Most Significant bit
PPCH PPC Priority level
0
0
Lowest
01
10
1
1
Highest priority
5PT2H
Timer 2 Overflow Interrupt High Priority bit
PT2H PT2 Priority Level
0
0
Lowest
01
10
1
1
Highest
4
PSH
Serial Port High Priority bit
PSH
PS
Priority Level
0
0
Lowest
01
10
1
1
Highest
3PT1H
Timer 1 Overflow Interrupt High Priority bit
PT1H PT1 Priority Level
0
0
Lowest
01
10
1
1
Highest
2PX1H
External Interrupt 1 High Priority bit
PX1H PX1 Priority Level
0
0
Lowest
01
10
1
1
Highest
1PT0H
Timer 0 Overflow Interrupt High Priority bit
PT0H PT0 Priority Level
0
0
Lowest
01
10
1
1
Highest
0PX0H
External Interrupt 0 High Priority bit
PX0H PX0 Priority Level
0
0
Lowest
01
10
1
1
Highest



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com