Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 151 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 151 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 147Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 148Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 149Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 150Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 151Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 152Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 153Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 154Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 155Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 188 page
background image
151
4337K–USB–04/08
AT89C5130A/31A-M
22. Reset
22.1
Introduction
The reset sources are: Power Management, Hardware Watchdog, PCA Watchdog and Reset
input.
Figure 22-1. Reset schematic
22.2
Reset Input
The Reset input can be used to force a reset pulse longer than the internal reset controlled by
the Power Monitor. RST input has a pull-up resistor allowing power-on reset by simply connect-
ing an external capacitor to VSS as shown in Figure 22-2. Resistor value and input
characteristics are discussed in the Section “DC Characteristics” of the AT89C5130A/31A-M
datasheet.
Figure 22-2. Reset Circuitry and Power-On Reset
22.3
Reset Output
As detailed in Section “Hardware Watchdog Timer”, page 158, the WDT generates a 96-clock
period pulse on the RST pin. In order to properly propagate this pulse to the rest of the applica-
tion in case of external capacitor or power-supply supervisor circuit, a 1 kΩ resistor must be
added as shown Figure 22-3.
Power
Monitor
Hardware
Watchdog
PCA
Watchdog
RST
Internal Reset
RST
VCC
To internal reset
RST
VSS
+
b. Power-on Reset
a. RST input circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com