Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 155 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  188 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 155 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 151Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 152Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 153Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 154Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 155Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 156Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 157Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 158Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 159Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 155 / 188 page
background image
155
4337K–USB–04/08
AT89C5130A/31A-M
24. Power Management
24.1
Idle Mode
An instruction that sets PCON.0 indicates that it is the last instruction to be executed before
going into the Idle mode. In the Idle mode, the internal clock signal is gated off to the CPU, but
not to the interrupt, Timer, and Serial Port functions. The CPU status is preserved in its entirety:
the Stack Pointer, Program Counter, Program Status Word, Accumulator and all other registers
maintain their data during Idle. The port pins hold the logical states they had at the time Idle was
activated. ALE and PSEN hold at logic high level.
There are two ways to terminate the Idle mode. Activation of any enabled interrupt will cause
PCON.0 to be cleared by hardware, terminating the Idle mode. The interrupt will be serviced,
and following RETI the next instruction to be executed will be the one following the instruction
that put the device into idle.
The flag bits GF0 and GF1 can be used to give an indication if an interrupt occurred during nor-
mal operation or during an Idle. For example, an instruction that activates Idle can also set one
or both flag bits. When Idle is terminated by an interrupt, the interrupt service routine can exam-
ine the flag bits.
The other way of terminating the Idle mode is with a hardware reset. Since the clock oscillator is
still running, the hardware reset needs to be held active for only two machine cycles (24 oscilla-
tor periods) to complete the reset.
24.2
Power-down Mode
To save maximum power, a power-down mode can be invoked by software (refer to Table 13,
PCON register).
In power-down mode, the oscillator is stopped and the instruction that invoked power-down
mode is the last instruction executed. The internal RAM and SFRs retain their value until the
power-down mode is terminated. VCC can be lowered to save further power. Either a hardware
reset or an external interrupt can cause an exit from power-down. To properly terminate power-
down, the reset or external interrupt should not be executed before VCC is restored to its normal
operating level and must be held active long enough for the oscillator to restart and stabilize.
Only:
• external interrupt INT0,
• external interrupt INT1,
• Keyboard interrupt and
• USB Interrupt
are useful to exit from power-down. For that, interrupt must be enabled and configured as level
or edge sensitive interrupt input. When Keyboard Interrupt occurs after a power down mode,
1024 clocks are necessary to exit to power-down mode and enter in operating mode.
Holding the pin low restarts the oscillator but bringing the pin high completes the exit as detailed
in Figure 24-1. When both interrupts are enabled, the oscillator restarts as soon as one of the
two inputs is held low and power-down exit will be completed when the first input is released. In
this case, the higher priority interrupt service routine is executed. Once the interrupt is serviced,
the next instruction to be executed after RETI will be the one following the instruction that put
AT89C5130A/31A-M into power-down mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com