Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4504BMPWREP Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # CD4504BMPWREP
Description  CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4504BMPWREP Datasheet(HTML) 3 Page - Texas Instruments

  CD4504BMPWREP Datasheet HTML 1Page - Texas Instruments CD4504BMPWREP Datasheet HTML 2Page - Texas Instruments CD4504BMPWREP Datasheet HTML 3Page - Texas Instruments CD4504BMPWREP Datasheet HTML 4Page - Texas Instruments CD4504BMPWREP Datasheet HTML 5Page - Texas Instruments CD4504BMPWREP Datasheet HTML 6Page - Texas Instruments CD4504BMPWREP Datasheet HTML 7Page - Texas Instruments CD4504BMPWREP Datasheet HTML 8Page - Texas Instruments CD4504BMPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
STATIC ELECTRICAL CHARACTERISTICS
CD4504B-EP
www.ti.com .......................................................................................................................................................................................... SCHS369 – NOVEMBER 2008
over operating free-air temperature range (unless otherwise noted)
CONDITIONS
LIMITS AT INDICATED TEMPERATURES (°C)
CHARACTERISTIC
+25
UNIT
VO
VIN
VCC
VCC
–55
–40
+85
+125
(V)
(V)
(V)
(V)
MIN
TYP
MAX
0, 5
5
5
1.5
1.5
1.5
1.5
0.02
1.5
mA
0, 10
5
10
2
2
2
2
0.02
2
Quiescent device current,
IDD max and ICC in CMOS-CMOS mode
0, 15
5
15
4
4
120
120
0.02
4
µA
0, 20
5
20
20
20
600
600
0.04
20
0, 5
5
5
5
5
6
6
2.5
5
Quiescent device current,
0, 10
5
10
5
5
6
6
2.5
5
mA
ICC max TTL-CMOS mode
0, 15
5
15
5
5
6
6
2.5
5
0.4
0, 5
5
0.64
0.61
0.42
0.36
0.51
1
Output low (sink) current,
0.5
0, 10
10
1.6
1.5
1.1
0.9
1.3
2.6
IOL min
1.5
0, 15
15
4.2
4
2.8
2.4
3.4
6.8
4.6
0, 5
5
–0.64
–0.61
–0.42
–0.36
–0.51
–1
mA
2.5
0, 5
5
–2
–1.8
–1.3
–1.15
–1.6
–3.2
Output high (source) current,
IOH min
9.5
0, 10
10
–1.6
–1.5
–1.1
–0.9
–1.3
–2.6
13.5
0, 15
15
–4.2
–4
–2.8
–2.4
–3.4
–6.8
0, 5
5
0.05
0
0.05
Output voltage:
0, 10
10
0.05
0
0.05
low-level, VOL max
0, 15
15
0.05
0
0.05
0, 5
5
4.95
4.95
5
Output voltage:
0, 10
10
9.95
9.95
10
high-level, VOH min
0, 15
15
14.95
14.95
15
TTL-CMOS
1
5
10
0.8
0.8
TTL-CMOS
1
5
15
0.8
0.8
V
Input low voltage,
CMOS-CMOS
1
5
10
1.5
1.5
VIL max
(1)
CMOS-CMOS
1.5
5
15
1.5
1.5
CMOS-CMOS
1.5
10
15
3
3
TTL-CMOS
9
5
10
2
2
TTL-CMOS
13.5
5
15
2
2
Input high voltage,
CMOS-CMOS
9
5
10
3.5
3.5
VIH min
(1)
CMOS-CMOS
13.5
5
15
3.5
3.5
CMOS-CMOS
13.5
10
15
7
7
Input current, IIN max
0, 18
18
±0.1
±0.1
±1
±1
±10–5
±0.1
µA
(1)
Applies to the six input signals. For mode control (P13), only the CMOS-CMOS ratings apply.
Copyright © 2008, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Link(s): CD4504B-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com