Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4504BMPWREP Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # CD4504BMPWREP
Description  CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

CD4504BMPWREP Datasheet(HTML) 1 Page - Texas Instruments

  CD4504BMPWREP Datasheet HTML 1Page - Texas Instruments CD4504BMPWREP Datasheet HTML 2Page - Texas Instruments CD4504BMPWREP Datasheet HTML 3Page - Texas Instruments CD4504BMPWREP Datasheet HTML 4Page - Texas Instruments CD4504BMPWREP Datasheet HTML 5Page - Texas Instruments CD4504BMPWREP Datasheet HTML 6Page - Texas Instruments CD4504BMPWREP Datasheet HTML 7Page - Texas Instruments CD4504BMPWREP Datasheet HTML 8Page - Texas Instruments CD4504BMPWREP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
FEATURES
SUPPORTS DEFENSE, AEROSPACE,
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
V
CC
A
OUT
A
IN
B
OUT
B
IN
C
OUT
C
IN
V
SS
V
DD
F
OUT
F
IN
SELECT
E
OUT
E
IN
D
OUT
D
IN
(TO P V IE W )
DESCRIPTION
CD4504B-EP
www.ti.com .......................................................................................................................................................................................... SCHS369 – NOVEMBER 2008
CMOS HEX VOLTAGE-LEVEL SHIFTER
FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
AND MEDICAL APPLICATIONS
• Independence of Power-Supply Sequence
• Controlled Baseline
Considerations – VCC Can Exceed VDD;
Input Signals Can Exceed Both VCC and VDD
• One Assembly/Test Site
• One Fabrication Site
• Up and Down Level-Shifting Capability
• Available in Military (–55°C/125°C)
• Shiftable Input Threshold for Either CMOS or
Temperature Range(1)
TTL Compatibility
• Extended Product Life Cycle
• Standardized Symmetrical Output
• Extended Product-Change Notification
Characteristics
• Product Traceability
• 100% Tested for Quiescent Current at 20 V
• Maximum Input Current of 1 µA at 18 V Over
Full Package-Temperature Range:
100 nA at 18 V and 25°C
• 5 V, 10 V, and 15 V Parametric Ratings
• Meets All Requirements of JEDEC Standard
No. 13B, "Standard Specifications for
Description of 'B' Series CMOS Devices"
(1)
Additional temperature ranges are available – contact factory
CD4504B hex voltage level-shifter consists of six circuits which shift input signals from the VCC logic level to the
VDD logic level. To shift TTL signals to CMOS logic levels, the SELECT input is at the VCC HIGH logic state.
When the SELECT input is at a LOW logic state, each circuit translates signals from one CMOS level to another.
ORDERING INFORMATION(1)
TA
PACKAGE(2)
ORDERABLE PART NUMBER
TOP-SIDE MARKING
–55°C to 125°C
TSSOP – PW
Reel of 2000
CD4504BMPWREP
4504BEP
(1)
Package drawings, thermal data, and symbolization are available at www.ti.com/packaging.
(2)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or see the TI
website at www.ti.com.
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - CD4504BMPWREP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4504BMPWREP TI1-CD4504BMPWREP Datasheet
1,017Kb / 15P
CMOS HEX VOLTAGE-LEVEL SHIFTER
CD4504BMPWREP TI2-CD4504BMPWREP Datasheet
632Kb / 16P
CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
NOVEMBER 2008
CD4504BMPWREP.A TI2-CD4504BMPWREP.A Datasheet
632Kb / 16P
CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS or CMOS-TO-CMOS OPERATION
NOVEMBER 2008
More results

Similar Description - CD4504BMPWREP

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B Datasheet
188Kb / 8P
Hex Level Shifter for TTL to CMOS or COMS to CMOS
March, 2000 ??Rev. 3
logo
Texas Instruments
CD4504B TI-CD4504B Datasheet
219Kb / 5P
CMOS HEX VOLTAGE-LEVEL SHIFTER FOR TTL-TO-CMOS OR CMOS-TO-CMOS OPERATION
logo
Intersil Corporation
CD4504BMS INTERSIL-CD4504BMS Datasheet
60Kb / 8P
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
December 1992
CD4504BT INTERSIL-CD4504BT Datasheet
33Kb / 3P
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
July 1999
logo
Texas Instruments
CD4504BPWR TI-CD4504BPWR Datasheet
219Kb / 5P
CMOS HEX VOLTAGE LEVEL SHIFTER FOR TTL TO CMOS OR CMOS TO CMOS OPERATION
logo
ON Semiconductor
MC14504B ONSEMI-MC14504B_05 Datasheet
106Kb / 8P
Hex Level Shifter for TTL to CMOS or CMOS to CMOS
August, 2005 ??Rev. 6
MC14504B ONSEMI-MC14504B_11 Datasheet
141Kb / 7P
Hex Level Shifter for TTL to CMOS or CMOS to CMOS
June, 2011 ??Rev. 7
logo
Texas Instruments
CD4504B TI1-CD4504B_12 Datasheet
891Kb / 16P
CMOS Hex Voltage Level Shifter for TTL-to-CMOS or CMOS-to-CMOS Operation
CD4504B TI1-CD4504B_15 Datasheet
898Kb / 16P
Cmos Hex Voltage-Level Shifter for TTL-to-Cmos
logo
Motorola, Inc
MC14504B MOTOROLA-MC14504B Datasheet
100Kb / 5P
Hex Level Shifter for TTL to CMOS or CMOS to CMOS
REV 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com