Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN05N Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN05N
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN05N Datasheet(HTML) 1 Page - STMicroelectronics

  VN05N Datasheet HTML 1Page - STMicroelectronics VN05N Datasheet HTML 2Page - STMicroelectronics VN05N Datasheet HTML 3Page - STMicroelectronics VN05N Datasheet HTML 4Page - STMicroelectronics VN05N Datasheet HTML 5Page - STMicroelectronics VN05N Datasheet HTML 6Page - STMicroelectronics VN05N Datasheet HTML 7Page - STMicroelectronics VN05N Datasheet HTML 8Page - STMicroelectronics VN05N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
VN05N
HIGH SIDE SMART POWER SOLID STATE RELAY
s
OUTPUT CURRENT (CONTINUOUS): 13A @
Tc=25
oC
s
5V LOGIC LEVEL COMPATIBLE INPUT
s
THERMAL SHUT-DOWN
s
UNDER VOLTAGE SHUT-DOWN
s
OPEN DRAIN DIAGNOSTIC OUTPUT
s
VERY LOW STAND-BY POWER
DISSIPATION
DESCRIPTION
The VN05N is a monolithic device made using
SGS-THOMSON
Vertical
Intelligent
Power
Technology, intended for driving resistive or
inductive loads with one side grounded.
Built-in thermal shut-down protects the chip from
over temperature and short circuit.
The input control is 5V logic level compatible.
The open drain diagnostic output indicates open
circuit (no load) and over temperature status.
September 1994
BLOCK DIAGRAM
TYPE
VDSS
R DS(on)
IOUT
VCC
VN05N
60 V
0.18
Ω
13 A
26 V
PENTAWATT
(vertical)
PENTAWATT
(horizontal)
PENTAWATT
(in-line)
ORDER CODES:
PENTAWATT vertical
VN05N
PENTAWATT horizontal
VN05N (011Y)
PENTAWATT in-line
VN05N (012Y)
1/11


Similar Part No. - VN05N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN05NSP STMICROELECTRONICS-VN05NSP Datasheet
97Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jun-1998
More results

Similar Description - VN05N

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN02ANSP STMICROELECTRONICS-VN02ANSP Datasheet
88Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN02HSP STMICROELECTRONICS-VN02HSP Datasheet
181Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Aug-1998
VN05H STMICROELECTRONICS-VN05H Datasheet
227Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN06SP STMICROELECTRONICS-VN06SP Datasheet
219Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN220 STMICROELECTRONICS-VN220 Datasheet
74Kb / 10P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-1999
VN30NSP STMICROELECTRONICS-VN30NSP Datasheet
64Kb / 8P
HIGH SIDE SMART POWER SOLID STATE RELAY
Jul-1998
VN540 STMICROELECTRONICS-VN540 Datasheet
85Kb / 11P
HIGH SIDE SMART POWER SOLID STATE RELAY
Oct-1999
VN02N-E STMICROELECTRONICS-VN02N-E Datasheet
251Kb / 16P
High side smart power solid state relay
07-Nov-2008
VN05N-E STMICROELECTRONICS-VN05N-E Datasheet
307Kb / 16P
High side smart power solid state relay
05-Nov-2008
VN06SP13TR STMICROELECTRONICS-VN06SP13TR Datasheet
171Kb / 9P
HIGH SIDE SMART POWER SOLID STATE RELAY
Sep-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com