Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN05N Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN05N
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN05N Datasheet(HTML) 3 Page - STMicroelectronics

  VN05N Datasheet HTML 1Page - STMicroelectronics VN05N Datasheet HTML 2Page - STMicroelectronics VN05N Datasheet HTML 3Page - STMicroelectronics VN05N Datasheet HTML 4Page - STMicroelectronics VN05N Datasheet HTML 5Page - STMicroelectronics VN05N Datasheet HTML 6Page - STMicroelectronics VN05N Datasheet HTML 7Page - STMicroelectronics VN05N Datasheet HTML 8Page - STMicroelectronics VN05N Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
THERMAL DATA
Rthj-case
Rthj-amb
Thermal Resist ance Junct ion-case
Max
Thermal Resist ance Junction-ambient
Max
2.2
60
oC/W
oC/W
ELECTRICAL CHARACTERISTICS (VCC = 13 V; -40
≤ Tj ≤ 125 oC unless otherwise specified)
POWER
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VCC
Supply Voltage
7
26
V
Ron
On St ate Resist ance
IOUT =6 A
IOUT =6 A
Tj =25
oC
0. 36
0. 18
Ω
Ω
I S
Supply Current
Of f State
Tj
≥ 25 oC
On St ate
50
15
µA
mA
SWITCHING
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
td(on)
Turn-on Delay Time Of
Output Current
IOUT = 6 A Resistive Load
Input Rise Time < 0.1
µsTj =25 oC
15
µs
tr
Rise Time Of Output
Current
IOU T = 6 A Resistive Load
Input Rise Time < 0.1
µsTj =25 oC
30
µs
td(off)
Turn-off Delay Time Of
Output Current
IOUT = 6 A Resistive Load
Input Rise Time < 0.1
µsTj =25 oC
20
µs
tf
Fall Time Of Output
Current
IOU T = 6 A Resistive Load
Input Rise Time < 0.1
µsTj =25 oC
10
µs
(di/dt) on
Turn-on Current Slope
IOUT =6 A
IOUT =IOV
0.5
2
A/
µs
A/
µs
(di/dt)off
Turn-off Current Slope
IOU T =6 A
IOUT =IOV
2
4
A/
µs
A/
µs
LOGIC INPUT
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VIL
Input Low Level
Voltage
0.8
V
VIH
Input High Level
Voltage
2(*)
V
VI(hyst.)
I nput Hysteresis
Voltage
0.5
V
IIN
I nput Current
VIN = 5 V
250
500
µA
VICL
I nput Clamp Voltage
IIN =10 mA
IIN =-10 mA
6
-0. 7
V
V
PROTECTIONS AND DIAGNOSTICS
Symbol
Parameter
Test Condi tions
Mi n.
Typ.
Max.
Unit
VSTAT (
•) Status Voltage Output
Low
ISTAT =1.6 mA
0.4
V
VUS D
Under Voltage Shut
Down
6.5
V
VN05N
3/11



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com