Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUL Datasheet(PDF) 82 Page - ATMEL Corporation

Part # AT89C5131A-RDTUL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUL Datasheet(HTML) 82 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUL Datasheet HTML 78Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 79Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 80Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 81Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 82Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 83Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 84Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 85Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 86Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 186 page
background image
82
AT89C5131A-L
4338F–USB–08/07
Table 65. IPL1 Register
IPL1 - Interrupt Priority Register (B2h)
Reset Value = X0XX X000b
Not bit addressable
7
6
5
4
3
2
1
0
-
PUSBL
-
-
-
PSPIL
PTWIL
PKBDL
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6
PUSBL
USB Interrupt Priority bit
Refer to PUSBH for priority level.
5
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3
-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2
PSPIL
SPI Interrupt Priority bit
Refer to PSPIH for priority level.
1
PTWIL
TWI Interrupt Priority bit
Refer to PTWIH for priority level.
0
PKBL
Keyboard Interrupt Priority bit
Refer to PKBH for priority level.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com