Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUL Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT89C5131A-RDTUL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUL Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUL Datasheet HTML 6Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 7Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 8Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 9Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 10Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 11Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 12Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 13Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 186 page
background image
10
AT89C5131A-L
4338F–USB–08/07
Table 12. Power Signal Description
Signal
Name
Type
Description
Alternate
Function
AVSS
GND
Alternate Ground
AVSS is used to supply the on-chip PLL and the USB PAD.
-
AVDD
PWR
Alternate Supply Voltage
AVDD is used to supply the on-chip PLL and the USB PAD.
-
VSS
GND
Digital Ground
VSS is used to supply the buffer ring and the digital core.
-
VDD
PWR
Digital Supply Voltage
VDD is used to supply the buffer ring on all versions of the device.
It is also used to power the on-chip voltage regulator of the Standard
versions or the digital core of the Low Power versions.
-
VREF
O
USB pull-up Controlled Output
VREF is used to control the USB D+ 1.5 kΩ pull up.
The Vref output is in high impedance when the bit DETACH is set in the
USBCON register.
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com