Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUL Datasheet(PDF) 133 Page - ATMEL Corporation

Part # AT89C5131A-RDTUL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUL Datasheet(HTML) 133 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUL Datasheet HTML 129Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 130Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 131Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 132Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 133Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 134Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 135Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 136Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 137Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 133 / 186 page
background image
133
AT89C5131A-L
4338F–USB–08/07
Detach Simulation
In order to be re-enumerated by the Host, the AT89C5131A-L has the possibility to sim-
ulate a DETACH - ATTACH of the USB bus.
The VREF output voltage is between 3.0V and 3.6V. This output can be connected to the
D+ pull-up as shown in Figure 68. This output can be put in high-impedance when the
DETACH bit is set to 1 in the USBCON register. Maintaining this output in high imped-
ance for more than 3 µs will simulate the disconnection of the device. When resetting
the DETACH bit, an attach is then simulated.
Figure 68. Example of VREF Connection
Figure 69. Disconnect Timing
USB Interrupt System
Interrupt System Priorities
Figure 70. USB Interrupt Control System
D-
D+
D-
D+
GND
V
CC
V
REF
1.5 kΩ
USB-B Connector
1
2
3
4
AT89C5131
D+
D-
V
SS
V
IL
V
IHZ(min)
Device
Disconnected
Disconnect
Detected
> = 2,5 µs
EUSB
IE1.6
EA
IE0.7
USB
Controller
IPH/L
Interrupt Enable
Lowest Priority Interrupts
Priority Enable
00
01
10
11
D+
D-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com