Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5131A-RDTUL Datasheet(PDF) 156 Page - ATMEL Corporation

Part # AT89C5131A-RDTUL
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5131A-RDTUL Datasheet(HTML) 156 Page - ATMEL Corporation

Back Button AT89C5131A-RDTUL Datasheet HTML 152Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 153Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 154Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 155Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 156Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 157Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 158Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 159Page - ATMEL Corporation AT89C5131A-RDTUL Datasheet HTML 160Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 156 / 186 page
background image
156
AT89C5131A-L
4338F–USB–08/07
Table 110. WDTPRG Register
WDTPRG - Watchdog Timer Out Register (0A7h)
Reset value = XXXX X000
WDT During Power-down
and Idle
In Power-down mode the oscillator stops, which means the WDT also stops. While in
Power-down mode the user does not need to service the WDT. There are 2 methods of
exiting Power-down mode: by a hardware reset or via a level activated external interrupt
which is enabled prior to entering Power-down mode. When Power-down is exited with
hardware reset, servicing the WDT should occur as it normally should whenever the
AT89C5131A-L is reset. Exiting Power-down with an interrupt is significantly different.
The interrupt is held low long enough for the oscillator to stabilize. When the interrupt is
brought high, the interrupt is serviced. To prevent the WDT from resetting the device
while the interrupt pin is held low, the WDT is not started until the interrupt is pulled high.
It is suggested that the WDT be reset during the interrupt service routine.
To ensure that the WDT does not overflow within a few states of exiting of power-down,
it is better to reset the WDT just before entering power-down.
In the Idle mode, the oscillator continues to run. To prevent the WDT from resetting the
AT89C5131A-L while in Idle mode, the user should always set up a timer that will peri-
odically exit Idle, service the WDT, and re-enter Idle mode.
7
6
5
4
3
2
1
0
-
-
-
-
-
S2
S1
S0
Bit
Number
Bit
Mnemonic
Description
7
-
Reserved
The value read from this bit is undetermined. Do not try to set this bit.
6
-
5
-
4
-
3
-
2
S2
WDT Time-out select bit 2
1
S1
WDT Time-out select bit 1
0
S0
WDT Time-out select bit 0
S2 S1 S0 Selected Time-out
0
0
0
16384x2^(214 - 1) machine cycles, 16.3 ms at FOSC = 12 MHz
0
0
1
16384x2^(215 - 1) machine cycles, 32.7 ms at FOSC = 12 MHz
0
1
0
16384x2^(216 - 1) machine cycles, 65.5 ms at FOSC = 12 MHz
0
1
1
16384x2^(217 - 1) machine cycles, 131 ms at FOSC = 12 MHz
1
0
0
16384x2^(218 - 1) machine cycles, 262 ms at FOSC = 12 MHz
1
0
1
16384x2^(219 - 1) machine cycles, 542 ms at FOSC = 12 MHz
1
1
0
16384x2^(220 - 1) machine cycles, 1.05 s at FOSC = 12 MHz
1
1
1
16384x2^(221 - 1) machine cycles, 2.09 s at FOSC = 12 MHz
16384x2^S machine cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com