Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2SC5706 Datasheet(PDF) 1 Page - Mospec Semiconductor

Part # 2SC5706
Description  POWER TRANSISTOR(5A,50V,15W)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOSPEC [Mospec Semiconductor]
Direct Link  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

2SC5706 Datasheet(HTML) 1 Page - Mospec Semiconductor

  2SC5706 Datasheet HTML 1Page - Mospec Semiconductor 2SC5706 Datasheet HTML 2Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image


Similar Part No. - 2SC5706

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC5706 SANYO-2SC5706 Datasheet
40Kb / 5P
High Current Switching Applications
logo
Weitron Technology
2SC5706 WEITRON-2SC5706 Datasheet
190Kb / 5P
NPN EPITAXIAL PLANAR TRANSISTOR
logo
Sanyo Semicon Device
2SC5706 SANYO-2SC5706 Datasheet
67Kb / 5P
High Current Switching Applications
2SC5706 SANYO-2SC5706 Datasheet
507Kb / 10P
High-Current Switching Applications
logo
ON Semiconductor
2SC5706 ONSEMI-2SC5706 Datasheet
424Kb / 10P
Bipolar Transistor (-)50V, (-)5A, Low VCE(sat), (PNP)NPN Single TP/TP-FA
September, 2013
More results

Similar Description - 2SC5706

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
2SA1012 MOSPEC-2SA1012 Datasheet
116Kb / 3P
POWER TRANSISTORS(5A,50V,25W)
logo
Sanyo Semicon Device
2SB1165 SANYO-2SB1165 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1449 SANYO-2SB1449 Datasheet
124Kb / 4P
50V/5A Switching Applications
2SB1134 SANYO-2SB1134_1 Datasheet
138Kb / 4P
50V/5A Switching Applications
logo
SeCoS Halbleitertechnol...
2SD2118 SECOS-2SD2118_11 Datasheet
76Kb / 1P
5A , 50V NPN Plastic Encapsulated Transistor
logo
Unisonic Technologies
USS4350 UTC-USS4350 Datasheet
135Kb / 3P
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
USS4450 UTC-USS4450 Datasheet
219Kb / 4P
50V, 5A NPN LOW VCE(SAT) TRANSISTOR
logo
United Monolithic Semic...
CHK015A-SMA UMS-CHK015A-SMA Datasheet
410Kb / 12P
15W Power Packaged Transistor
CHK015A-QIA UMS-CHK015A-QIA Datasheet
710Kb / 18P
15W Power Packaged Transistor
logo
Qorvo, Inc
QPD1009 QORVO-QPD1009 Datasheet
1Mb / 28P
15W, 50V, DC ??4 GHz, GaN RF Transistor
2019
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com