Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN16BSP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN16BSP
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN16BSP Datasheet(HTML) 3 Page - STMicroelectronics

  VN16BSP Datasheet HTML 1Page - STMicroelectronics VN16BSP Datasheet HTML 2Page - STMicroelectronics VN16BSP Datasheet HTML 3Page - STMicroelectronics VN16BSP Datasheet HTML 4Page - STMicroelectronics VN16BSP Datasheet HTML 5Page - STMicroelectronics VN16BSP Datasheet HTML 6Page - STMicroelectronics VN16BSP Datasheet HTML 7Page - STMicroelectronics VN16BSP Datasheet HTML 8Page - STMicroelectronics VN16BSP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-case
Max
Thermal Resistance Junction-ambient ($)
Max
1.5
50
oC/W
oC/W
($) When mounted using minimum recommended pad size on FR-4 board
ELECTRICAL CHARACTERISTICS (8 < VCC < 16 V; -40
≤ Tj ≤ 125 oC unless otherwise specified)
POWER
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VCC
Supply Voltage
6
13
26
V
In(*)
Nominal Current
Tc =85
oCVDS(on) ≤ 0.5 VCC =13 V
5. 6
8.8
A
Ron
On Stat e Resistance
IOUT =In
VCC =13 V
Tj =25
oC
0.038
0.06
IS
Supply Current
Of f St ate
VCC =13 V
Tj
≥ 25 oC25
50
µA
VDS(MAX)
Maximum Volt age Drop IOUT =20 A
VCC =13 V Tc =85
oC1
1.8
V
Ri
Output to GND Int ernal
Impedance
Tj =25
oC5
10
20
K
SWITCHING
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
td(on)(^)
Turn-on Delay Time Of
Output Current
Rload =1.6
550
500
µs
tr(^)
Rise Time O f O utput
Current
Rload =1.6
40
100
680
µs
td(off)(^)
Turn-off Delay Time O f
Output Current
Rload =1.6
10
100
500
µs
tf(^)
Fall T ime Of Output
Current
Rload =1.6
40
100
680
µs
(di/ dt)on
Turn-on Current Slope
Rload =1.6
VCC = 13 V
0.008
0.1
A/
µs
(di/dt)off
Turn-off Current Slope
Rload =1.6
VCC = 13 V
0.008
0.1
A/
µs
Vdemag
Inductive Load Clamp
Voltage
Rload =1.6
Ω L= 1mH
-24
-18
-14
V
LOGIC INPUT
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VIL
Input Low Level
Voltage
1.5
V
VIH
Input High Level
Voltage
3. 5
(
•)V
VI(hyst.)
Input Hysteresis
Voltage
0. 211.5
V
IIN
Input Current
VIN =5 V
Tj =25
oC100
µA
VICL
Input Clamp Voltage
IIN =10 mA
IIN =-10 mA
56
-0. 7
7V
V
VN16BSP
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com