Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN16BSP Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN16BSP
Description  ISO HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN16BSP Datasheet(HTML) 4 Page - STMicroelectronics

  VN16BSP Datasheet HTML 1Page - STMicroelectronics VN16BSP Datasheet HTML 2Page - STMicroelectronics VN16BSP Datasheet HTML 3Page - STMicroelectronics VN16BSP Datasheet HTML 4Page - STMicroelectronics VN16BSP Datasheet HTML 5Page - STMicroelectronics VN16BSP Datasheet HTML 6Page - STMicroelectronics VN16BSP Datasheet HTML 7Page - STMicroelectronics VN16BSP Datasheet HTML 8Page - STMicroelectronics VN16BSP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
PROTECTION AND DIAGNOSTICS (continued)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VSTAT
St atus Voltage Out put
Low
ISTAT =1.6 mA
0.4
V
VUSD
Under Voltage Shut
Down
3. 5
5
6
V
VSCL
St atus Clamp Voltage
ISTAT =10 mA
ISTAT =-10 mA
56
-0. 7
7V
V
TTSD
Thermal Shut-down
Temperat ure
140
160
180
oC
TSD(hys t.)
Thermal Shut-down
Hysteresis
15
50
oC
TR
Reset Temperature
125
oC
VOL
Open Voltage Level
Off-State (note 2)
2.5
3.8
5
V
IOL
Open Load Current
Level
On-Stat e
0.15
0.85
A
tpovl
St atus Delay
(note 3)
5
10
µs
tpo l
St atus Delay
(note 3)
50
400
2500
µs
(*) In= Nominal current according to ISO definition for high side automotive switch (see note 1)
(^) See Switchig Time Waveforms
(
•) The VIH is internally clamped at 6V about. It is possible to connect this pin to an higher voltage via an external resistor calculated to not
exceed 10 mA at the input pin.
note 1: The Nominal Current is the current at Tc =85
oC for battery voltage of 13V which produces a voltage drop of 0.5 V
note 2: IOL(off) =(VCC -VOL)/ROL (see figure)
note 3: tpovl tpol: ISO definition (see figure)
Note 2 Relevant Figure
Note 3 Relevant Figure
VN16BSP
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com