Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS8944T Datasheet(PDF) 13 Page - Semtech Corporation

Part # ACS8944T
Description  Jitter Attenuating, Multiplying Phase Locked Loop for OC-12/STM-4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8944T Datasheet(HTML) 13 Page - Semtech Corporation

Back Button ACS8944T Datasheet HTML 9Page - Semtech Corporation ACS8944T Datasheet HTML 10Page - Semtech Corporation ACS8944T Datasheet HTML 11Page - Semtech Corporation ACS8944T Datasheet HTML 12Page - Semtech Corporation ACS8944T Datasheet HTML 13Page - Semtech Corporation ACS8944T Datasheet HTML 14Page - Semtech Corporation ACS8944T Datasheet HTML 15Page - Semtech Corporation ACS8944T Datasheet HTML 16Page - Semtech Corporation ACS8944T Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3/November 2006 © Semtech Corp.
Page 13
www.semtech.com
ACS8944 JAM PLL
Notes: (i) Unused differential input terminated to VDD-1.4 V.
(ii) Both pins must remain within the supply voltage, i.e. >VSS and <VDD.
Note: (i) With a 50 ohms load on each pin to VDD -2V.
Table 13 DC Characteristics: LVPECL Input Port
Parameter
Symbol
Minimum
Maximum
Units
LVPECL Input Offset Voltage
Differential Inputs (Note (ii))
VIO_LVPECL
VDD-2.0
VDD-0.5
V
Input Differential Voltage
VID_LVPECL
0.1
1.4
V
LVPECL Input Low Voltage
Single-ended Input (Note (i))
VIL_LVPECL_S
VSS
VDD-1.5
V
LVPECL Input High Voltage
Single-ended Input (Note (i))
VIL_LVPECL_S
VDD-1.3
VDD
V
Input High Current
Input Differential Voltage VID = 1.4 V
IIH_LVPECL
-10
+10
µA
Input Low Current
Input Differential Voltage VID = 1.4 V
IIL_LVPECL
-10
+10
µA
Table 14 DC Characteristics: LVPECL Output Port
Parameter
Symbol
Minimum
Maximum
Units
LVPECL Output Low Voltage (Note (i))
VOL_LVPECL
VDD-2.1
VDD-1.62
V
LVPECL Output High Voltage (Note (i))
VOH_LVPECL
VDD-1.45
VDD-0.88
V
LVPECL Output Differential Voltage (Note (i))
VOD_LVPECL
0.37
1.22
V
Table 15 DC Characteristics: LVTTL/CMOS Output Port
Parameter
Symbol
Minimum
Typical
Maximum
Units
Output Low Voltage @ IOL (MAX)
VOL
--
0.4
V
Output High Voltage @ IOH (MIN)
VOH
2.4
-
-
V
Low Level Output Current @ VOL = 0.4 V
IOL
2-
-
mA
High Level Output Current @ VOH = 2.4 V
IOH
2-
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com