Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACS8944T Datasheet(PDF) 21 Page - Semtech Corporation

Part # ACS8944T
Description  Jitter Attenuating, Multiplying Phase Locked Loop for OC-12/STM-4
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

ACS8944T Datasheet(HTML) 21 Page - Semtech Corporation

Back Button ACS8944T Datasheet HTML 16Page - Semtech Corporation ACS8944T Datasheet HTML 17Page - Semtech Corporation ACS8944T Datasheet HTML 18Page - Semtech Corporation ACS8944T Datasheet HTML 19Page - Semtech Corporation ACS8944T Datasheet HTML 20Page - Semtech Corporation ACS8944T Datasheet HTML 21Page - Semtech Corporation ACS8944T Datasheet HTML 22Page - Semtech Corporation ACS8944T Datasheet HTML 23Page - Semtech Corporation ACS8944T Datasheet HTML 24Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
ADVANCED COMMUNICATIONS
FINAL
DATASHEET
Revision 3/November 2006 © Semtech Corp.
Page 21
www.semtech.com
ACS8944 JAM PLL
CMU
Clock Multiplier Unit
ESD
Electrostatic Discharge
ESR
Equivalent Series Resistance
HBM
Human Body Model
I/O
Input/Output
JAM PLL
Jitter Attenuating, Multiplying Phase
Locked Loop
LDO
Low Voltage Drop-out
LVCMOS
Low Voltage CMOS
LVDS
Low Voltage Differential Signal
LVPECL
Low Voltage (3.3 V) PECL
OC-3/12
Optical Carrier Signal Level 3/12
155.52 Mbps/ 622.08 Mbps
PECL
Positive Emitter Coupled Logic
PFD
Phase and Frequency Detector
PLL
Phase Locked Loop
POR
Power-On Reset
p-p
peak-to-peak
PWM
Pulse Width Modulated
rms
root-mean-square
RoHS
Restrictive Use of Certain Hazardous
Substances (directive)
SDH
Synchronous Digital Hierarchy
SEC
SDH/SONET Equipment Clock
SETS
Synchronous Equipment Timing source
SONET
Synchronous Optical Network
STM-1/4/16
Synchronous Transport Module Levels
1/4: 155.52 Mbps/ 622.08 Mbps/
2.488 Gbps (SDH)
STS-12
Synchronous Transport Signal Level: 12,
622.08 Mbps (SONET)
UI
Unit Interval
uP (
µP)
Microprocessor
WEEE
Waste Electrical and Electronic
Equipment (directive)
VCO
Voltage Controlled Oscillator
[1] ETSI EN 300 462-7-1 v1.1.2 (06/2001)
Transmission and Multiplexing (TM); Generic
requirements for synchronization networks; Part 7-1:
Timing characteristics of slave clocks suitable for
synchronization supply to equipment in local node
applications
[2] ETSI EN 302 084 V1.1.1 (2000-02)
Transmission and Multiplexing (TM); The control of jitter
and wander in transport networks
[3] ITU-T G.812 (06/1998)
Timing requirements of slave clocks suitable for use as
node clocks in synchronization networks
[4] ITU-T G.813 (08/1996)
Timing characteristics of SDH equipment slave clocks
(SEC)
[5] ITU-T G.823 (03/2000)
The control of jitter and wander within digital networks
which are based on the 2048 kbit/s hierarchy
[6] ITU-T G.824 (03/2000)
The control of jitter and wander within digital networks
which are based on the 1544 kbit/s hierarchy
[7] ITU-T G.825 (03/2000)
The control of jitter and wander within digital networks
which are based on the Synchronous Digital Hierarchy
(SDH)
[8] Telcordia GR-253-CORE, Issue 3 (09/ 2000)
Synchronous Optical Network (SONET) Transport
Systems: Common Generic Criteria
[9] RoHS Directive 2002/95/EC: Directive 2002/95/EC
of the European Parliament and of the Council of 27
January 2003 on the restriction of the use of certain
hazardous substances in electrical and electronic
equipment
[10] Waste Electrical and Electronic Equipment (WEEE)
Directive (2002/96/EC): Directive 2002/96/EC of the
European Parliament and of the Council of 27 January
2003 on waste electrical and electronic equipment
(WEEE)
Abbreviations
References and Related Standards



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com