Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN330SP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN330SP
Description  QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN330SP Datasheet(HTML) 3 Page - STMicroelectronics

  VN330SP Datasheet HTML 1Page - STMicroelectronics VN330SP Datasheet HTML 2Page - STMicroelectronics VN330SP Datasheet HTML 3Page - STMicroelectronics VN330SP Datasheet HTML 4Page - STMicroelectronics VN330SP Datasheet HTML 5Page - STMicroelectronics VN330SP Datasheet HTML 6Page - STMicroelectronics VN330SP Datasheet HTML 7Page - STMicroelectronics VN330SP Datasheet HTML 8Page - STMicroelectronics VN330SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
THERMAL DATA
Rthj-ca se
Rthj- amb
Thermal Resistance Junction-case (1)
Max
Thermal Resist ance Junct ion-ambient ($)
Max
2
50
oC/W
oC/W
(1) All channels ON
($) When mounted using minimum recommended pad size on FR-4 board
ELECTRICAL CHARACTERISTICS (10 V < VCC < 36 V; -25
oC< TJ < 125 oC unless otherwise
specified)
POWER
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VCC
Supply Voltage
10
36
V
Ron
On Stat e Resistance
IOUT =0.5 A
TJ =125
oC
IOUT =0.5 A
TJ =85
oC
0.4
0.32
IS
Supply Current
All Channels O ff
On Stat e (Tj =125
oC) Iout1 .. Iout4 =0
1
10
mA
mA
Vdemag
Output Voltage at
Turn-Of f
Iout =0.5A
LLOAD =1 mH
VCC-65 VCC-55 VCC-45
V
SWITCHING (VCC =24 V)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
td(on)
Turn-on Delay Time Of
Output Current
IOUT = 0.5 A Resist ive Load
Input Rise T ime < 0.1
µs
Tj =25
oC
Tj = 125
oC
30
40
60
µs
µs
tr
Rise Time Of Output
Current
IOUT = 0.5 A Resistive Load
Input Rise T ime < 0.1
µs
Tj =25
oC
Tj = 125
oC
50
100
115
µs
µs
td(off)
Turn-off Delay Time O f
Output Current
IOUT = 0.5 A Resistive Load
Input Rise T ime < 0.1
µs
Tj =25
oC
Tj = 125
oC
20
30
40
µs
µs
tf
Fall T ime Of Output
Current
IOUT = 0.5 A Resist ive Load
Input Rise T ime < 0.1
µs
Tj =25
oC
Tj = 125
oC
815
20
µs
µs
(di/ dt)on
Turn-on Current Slope
IOUT =0.5 A
IOUT =Ilim
Tj =25
oC
0.5
2
A/
µs
A/
µs
(di/dt)off
Turn-off Current Slope
IOUT =0.5 A
IOUT =Ilim
Tj =25
oC
2
4
A/
µs
A/
µs
VN330SP
3/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com