Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN330SP Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN330SP
Description  QUAD HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN330SP Datasheet(HTML) 4 Page - STMicroelectronics

  VN330SP Datasheet HTML 1Page - STMicroelectronics VN330SP Datasheet HTML 2Page - STMicroelectronics VN330SP Datasheet HTML 3Page - STMicroelectronics VN330SP Datasheet HTML 4Page - STMicroelectronics VN330SP Datasheet HTML 5Page - STMicroelectronics VN330SP Datasheet HTML 6Page - STMicroelectronics VN330SP Datasheet HTML 7Page - STMicroelectronics VN330SP Datasheet HTML 8Page - STMicroelectronics VN330SP Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
LOGIC INPUT (Each Channel)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VIL
Input Low Level
Voltage
2V
VIH
Input High Level
Voltage (see not e 1)
3. 5
V
VI(hyst.)
Input Hysteresis
Voltage
0.5
V
IIN
Input Current
VIN =0 to 30 V
VIN =0 to 2 V
25
600
µA
µA
ILGND
Output Current in
Ground Disconnection
VCC =VINX =G ND = DIAG = 24 V
TJ =25
oC
25
mA
VICL
Input Clamp Voltage
(see note 1)
IIN =1 mA
IIN =-1 mA
32
36
-0. 7
V
V
note 1 : The input voltage is internally clamped at 32V minimum, it is possible to connect the input pins to an higher voltage via an external
resistor calculate to not exceed 10 mA.
PROTECTION AND DIAGNOSTICS
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VSTAT (
•) Status Voltage Output
Low
ISTAT =5 mA
(F ault Condition)
1V
VSCL (
•) Status Clamp Voltage
ISTAT =1 mA
ISTAT =-1 mA
32
36
-0. 7
V
V
VUSD
Under Voltage Shut
Down
58
V
VOL
Low State Out Voltage
VIN =VILj
RLOAD
≥ 10 MΩ
1.5
V
ILIM
DC Short Circuit
Current
VCC =24 V
RLOAD <10 m
0. 7
2.5
A
IOVPK
Peak Short Circuit
Current
VCC =24 V
Vin =30V
RLOAD <10 m
Ω (see figure 2)
4A
IDIAGH
Leakage on diag pin in
high st ate
VDIAG =24 V
100
µA
ILOAD
Output Leakage
Current
VCC = 10to36V
VIN =VIL
50
µA
tSC
Delay Time of Current
Limiter
100
µs
TTSD
Thermal Shut-down
Temperat ure
150
170
oC
TR
Reset Temperature
135
155
oC
(
•) Status determination > 100 µs after the switching edge.
Note: If INPUTn pin is left floating the corresponding channel will automatically switch off. If GND pin is disconnetted, all channels will switch
off provided VCC does not exceed 36V
VN330SP
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com