Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN460 Datasheet(PDF) 4 Page - STMicroelectronics

Part # VN460
Description  SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN460 Datasheet(HTML) 4 Page - STMicroelectronics

  VN460 Datasheet HTML 1Page - STMicroelectronics VN460 Datasheet HTML 2Page - STMicroelectronics VN460 Datasheet HTML 3Page - STMicroelectronics VN460 Datasheet HTML 4Page - STMicroelectronics VN460 Datasheet HTML 5Page - STMicroelectronics VN460 Datasheet HTML 6Page - STMicroelectronics VN460 Datasheet HTML 7Page - STMicroelectronics VN460 Datasheet HTML 8Page - STMicroelectronics VN460 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
THERMAL DATA
Rthj-ca se
Thermal Resistance Junction-case
Max
1.1
oC/W
Rthj-a (∗)
Thermal Resistance Junction-ambient
Max
50
oC/W
(
∗) When mounted using minimum recommended pad size on FR-4 board.
ELECTRICAL CHARACTERISTICS (VCC = 13 V; -40
oC< TJ < 125 oC unless otherwise specified)
POWER
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VCC
Operating Supply
Voltage
5. 5
13
36
V
Vusd
Under Voltage Shut
Down
34
5.5
V
Vov
Overvoltage Shut Down
36
39
45
V
Ron
On Stat e Resistance
IOUT =5 A
TJ =25
oC
IOUT =5 A
20
36
m
Ω
m
Ω
IS
Supply Current
Of f state
TCase =25
oC
On Stat e
15
1.4
30
3.3
µA
mA
LOGIC INPUT
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
VIL
Input Low Level
Voltage
(*)
1.5
V
VIH
Input High Level
Voltage (see not e 1)
(*)
3. 5
V
VI(hyst.)
Input Hysteresis
Voltage
0. 2
0. 85
1.5
V
IIN
Input Current
VIN =5 V
Tcase =25
oC100
µA
VICL
Input Clamp Voltage
IIN =10 mA
IIN =-10 mA
56
-0. 7
7V
V
(*) : The input voltage is internally clamped at 6 V about. It is possible to connect this pin to an higher voltage via an external resistor
provided the input current does not exceed 10 mA.
SWITCHING (VCC =13 V)
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
td(on)
Turn-on Delay Time Of
Output Current
IOUT = 5 A
Resist ive Load
Input Rise T ime < 0.1
µsTj =25 oC
25
90
250
µs
tr
Rise Time Of Output
Current
IOUT = 5 A
Resist ive Load
Input Rise T ime < 0.1
µsTj =25 oC
80
300
650
µs
td(off)
Turn-off Delay Time O f
Output Current
IOUT = 5 A
Resist ive Load
Input Rise T ime < 0.1
µsTj =25 oC
300
750
1500
µs
tf
Fall T ime Of Output
Current
IOUT = 5 A
Resist ive Load
Input Rise T ime < 0.1
µsTj =25 oC
80
200
400
µs
(di/ dt)on
Turn-on Current Slope
IOUT =5 A
0. 02
0.05
A/
µs
(di/dt)off
Turn-off Current Slope
IOUT =5 A
0. 02
0.05
A/
µs
VN460SP
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com