Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN460 Datasheet(PDF) 5 Page - STMicroelectronics

Part # VN460
Description  SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN460 Datasheet(HTML) 5 Page - STMicroelectronics

  VN460 Datasheet HTML 1Page - STMicroelectronics VN460 Datasheet HTML 2Page - STMicroelectronics VN460 Datasheet HTML 3Page - STMicroelectronics VN460 Datasheet HTML 4Page - STMicroelectronics VN460 Datasheet HTML 5Page - STMicroelectronics VN460 Datasheet HTML 6Page - STMicroelectronics VN460 Datasheet HTML 7Page - STMicroelectronics VN460 Datasheet HTML 8Page - STMicroelectronics VN460 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
ELECTRICAL CHARACTERISTICS (continued)
PROTECTIONS AND DIAGNOSTICS
Symb ol
Parameter
Test Cond ition s
Mi n.
Typ .
Max.
Un it
TTSD
Thermal Shut-down
Temperat ure
150
170
190
oC
TTR
Thermal Reset
Temperat ure
135
oC
TRSD
(HYST)
Thermal Hysteresis
5
15
50
oC
VENOL
Output Voltage
Authorizing Openload
Detection
8V
≤VCC≤30V
5. 2
6.6
8
V
IOL
Open Load Current
Level
8V
≤VCC≤30V
100
800
1500
mA
IOV
Over Current
RLOAD
≤10 mΩ
-40
oC<TCase<125oC
25
50
A
IAV
Average Current in
Short Circuit
RLOAD
≤10 mΩ
TC =85
oC
5.4
A
VSTAT
St atus O utput Voltage
ISTAT = 1.6 mA (Fault Condition)
0.4
V
VSCL
St atus Clamp Voltage
ISTAT =10 mA
ISTAT =-10 mA
5. 5
6
-0. 7
7V
V
tPOL
St atus Delay
(
∗)
50
300
950
µs
tPOVL
St atus Delay
(
∗)10
µs
VDEMAG
Turn-off Out put Clamp
Voltage
IOUT =5 A,
L = 1 mH, VIN =0
VCC-45 VCC-50 VCC-55
V
(
∗) ISO definitions TPOL = Status delay in case of open load conditions
TPOVL = Status delay in case of over load conditions
VN460SP
5/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com