Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN540SP Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN540SP
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN540SP Datasheet(HTML) 2 Page - STMicroelectronics

  VN540SP Datasheet HTML 1Page - STMicroelectronics VN540SP Datasheet HTML 2Page - STMicroelectronics VN540SP Datasheet HTML 3Page - STMicroelectronics VN540SP Datasheet HTML 4Page - STMicroelectronics VN540SP Datasheet HTML 5Page - STMicroelectronics VN540SP Datasheet HTML 6Page - STMicroelectronics VN540SP Datasheet HTML 7Page - STMicroelectronics VN540SP Datasheet HTML 8Page - STMicroelectronics VN540SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
VN540 / VN540SP / VN540(011Y) / VN540(012Y)
ABSOLUTE MAXIMUM RATING
Symbol
Parameter
Value
Unit
VCC
Power supply voltage
45
V
-VCC
Reverse supply voltage
-4.0
V
IOUT
Maximum DC load current
Internally limited
A
IR
Reverse output current
-10
A
IIN
Input current
+/- 10
mA
ISTAT
Status pin current
+/- 10
mA
VESD
Electrostatic discharge (R=1.5k
Ω, C=100pF)
2000
V
PTOT
Power dissipation at Tc=25°C
Internally limited
W
Tj
Junction operating temperature
Internally limited
°C
TSTG
Storage temperature
-55 to 150
°C
EAS
Single pulse avalanche energy
500
mJ
1
CURRENT AND VOLTAGE CONVENTIONS
CONNECTION DIAGRAM TOP VIEW
1
2
3
4
5
6
7
8
9
10
11
OUTPUT
OUTPUT
N.C.
OUTPUT
OUTPUT
GROUND
INPUT
STATUS
N.C.
N.C.
VCC
PowerSO-10TM
PENTAWATT



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com