Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN540SP Datasheet(PDF) 3 Page - STMicroelectronics

Part # VN540SP
Description  HIGH SIDE SMART POWER SOLID STATE RELAY
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN540SP Datasheet(HTML) 3 Page - STMicroelectronics

  VN540SP Datasheet HTML 1Page - STMicroelectronics VN540SP Datasheet HTML 2Page - STMicroelectronics VN540SP Datasheet HTML 3Page - STMicroelectronics VN540SP Datasheet HTML 4Page - STMicroelectronics VN540SP Datasheet HTML 5Page - STMicroelectronics VN540SP Datasheet HTML 6Page - STMicroelectronics VN540SP Datasheet HTML 7Page - STMicroelectronics VN540SP Datasheet HTML 8Page - STMicroelectronics VN540SP Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
3/11
VN540 / VN540SP / VN540(011Y) / VN540(012Y)
THERMAL DATA
ELECTRICAL CHARACTERISTICS (10V<VCC<36V; -25°C<Tj<100°C; unless otherwise specified)
POWER
SWITCHING
LOGIC INPUT
Symbol
Parameter
Value
Unit
PowerSO-10
PENTAWATT
Rthj-case
Thermal resistance junction-case
(MAX)
1.5
2.0
°C/W
Rthj-amb
Thermal resistance junction-ambient
(MAX)
50
60
°C/W
Symbol
Parameter
Test Condit ions
Min
Typ
Max
Unit
VCC
Operating voltage
10
36
V
RON
On state resistance
IOUT=2.8A; Tj=25°C
IOUT=2.8A;
50
90
m
m
IS
Supply current
OFF state
ON state (Tj=125°C)
IOUT=0A
1
3
mA
mA
ILS
Output leakage current
Channel OFF
VCC=45V
100
µA
ILGND
Output current at turn-off
VCC=VIN=VGND=VSTAT=24V
Tj= -25°C<Tj<100°C
2mA
VOL
Low state output voltage
VIN=VIL;RLOAD>10MΩ
1.5
V
Vdemag
Output voltage at turn-off
IOUT=2.8A; LLOAD=1mH
VCC-65 VCC-55 VCC-45
V
Symbol
Parameter
Test Conditions
Min
Typ
Max
Unit
td(on)
Turn-on delay on output
current
IOUT=2.8A; Resistive Load
Input rise time <0.1
µs; V
CC=24V;
Tj=25°C
40
µs
tr
Rise time of
output current
IOUT=2.8A; Resistive Load
Input rise time <0.1
µs; V
CC=24V;
Tj=25°C
60
µs
td(off)
Turn-off delay on output
current
IOUT=2.8A; Resistive Load
Input rise time <0.1
µs; V
CC=24V;
Tj=25°C
60
µs
tf
Fall time of
output current
IOUT=2.8A; Resistive Load
Input rise time <0.1
µs; V
CC=24V;
Tj=25°C
25
µs
dI/dt(on)
Turn-on current average
slope
IOUT=2.8A
IOUT=ILIM;25°C<Tj<140°C
0.5
2
A/
µs
A/
µs
dI/dt(off)
Turn-off current average
slope
IOUT=2.8A
IOUT=ILIM;25°C<Tj<140°C
2
4
A/
µs
A/
µs
Symbol
Parameter
Test Condit ions
Min
Typ
Max
Unit
VIL
Input low level voltage
2.0
V
VIH
Input high level voltage
3.5
V
VI(hyst)
Input hysteresis voltage
0.5
V
IIN
Input current
VIN=30V
VIN=2.0V
25
300
µA
µA
VICL
Input clamp voltage
(see note 1)
IIN=1mA
IIN=-1mA
32
36
-0.7
V
V
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com