Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC417EVB Datasheet(PDF) 13 Page - Semtech Corporation

Part # SC417EVB
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417EVB Datasheet(HTML) 13 Page - Semtech Corporation

Back Button SC417EVB Datasheet HTML 9Page - Semtech Corporation SC417EVB Datasheet HTML 10Page - Semtech Corporation SC417EVB Datasheet HTML 11Page - Semtech Corporation SC417EVB Datasheet HTML 12Page - Semtech Corporation SC417EVB Datasheet HTML 13Page - Semtech Corporation SC417EVB Datasheet HTML 14Page - Semtech Corporation SC417EVB Datasheet HTML 15Page - Semtech Corporation SC417EVB Datasheet HTML 16Page - Semtech Corporation SC417EVB Datasheet HTML 17Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
SC417/SC427
13
Synchronous Buck Converter
The SC417/SC427 is a step down synchronous DC-DC buck
converter with integrated power MOSFETs and a program-
mable LDO. The device is capable of 10A operation at very
high efficiency. A space saving 5x5 (mm) 32-pin package
is used. The programmable operating frequency range of
200kHz to 1MHz enables optimizing the configuration for
PCB area and efficiency.
The buck controller uses a pseudo-fixed frequency adap-
tive on-time control. This control method allows fast tran-
sient response which permits the use of smaller output
capacitors.
Input Voltage Requirements
The SC417/SC427 requires two input supplies for normal
operation: VIN and V5V. VIN operates over the wide range
from 3V to 28V. V5V requires a 5V supply input that can be
an external source or the internal LDO configured to
supply 5V.
Psuedo-fixed Frequency Adaptive On-time Control
The PWM control method used by the SC417/SC427 is
pseudo-fixed frequency, adaptive on-time, as shown in
Figure 1. The ripple voltage generated at the output
capacitor ESR is used as a PWM ramp signal. This ripple is
used to trigger the on-time of the controller.
Q1
Q2
L
COUT
ESR
+
CIN
VOUT
FB Threshold
VFB
VLX
VLX
TON
FB
VIN
Figure 1 — PWM Control Method, V
OUT Ripple
The adaptive on-time is determined by an internal one-
shot timer. When the one-shot is triggered by the output
ripple, the device sends a single on-time pulse to the high-
side MOSFET. The pulse period is determined by V
OUT
and
V
IN
; the period is proportional to output voltage and
inversely proportional to input voltage. With this adaptive
on-time arrangement, the device automatically antici-
pates the on-time needed to regulate V
OUT
for the present
V
IN
condition and at the selected frequency.
The advantages of adaptive on-time control are:
Predictable operating frequency compared to
other variable frequency methods.
Reduced component count by eliminating the
error amplifier and compensation components.
Reduced component count by removing the
need to sense and control inductor current.
Fast transient response — the response time is
controlled by a fast comparator instead of a typi-
cally slow error amplifier.
Reduced output capacitance due to fast tran-
sient response
One-Shot Timer and Operating Frequency
The one-shot timer operates as shown in Figure 2. The FB
Comparator output goes high when V
FB
is less than the
internal 500mV reference. This feeds into the gate drive
and turns on the high-side MOSFET, and also starts the
one-shot timer. The one-shot timer uses an internal com-
parator and a capacitor. One comparator input is con-
nected to V
OUT
, the other input is connected to the
capacitor. When the on-time begins, the internal capaci-
tor charges from zero volts through a current which is
proportional to V
IN
. When the capacitor voltage reaches
V
OUT
, the on-time is completed and the high-side MOSFET
turns off.
•
•
•
•
•
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com