Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SC417EVB Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC417EVB
Description  10A Integrated FET Regulator with Programmable LDO
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC417EVB Datasheet(HTML) 2 Page - Semtech Corporation

  SC417EVB Datasheet HTML 1Page - Semtech Corporation SC417EVB Datasheet HTML 2Page - Semtech Corporation SC417EVB Datasheet HTML 3Page - Semtech Corporation SC417EVB Datasheet HTML 4Page - Semtech Corporation SC417EVB Datasheet HTML 5Page - Semtech Corporation SC417EVB Datasheet HTML 6Page - Semtech Corporation SC417EVB Datasheet HTML 7Page - Semtech Corporation SC417EVB Datasheet HTML 8Page - Semtech Corporation SC417EVB Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
SC417/SC427
2
RTON
154K
Ω
SC417/SC427
FB
1
FBL
2
V5V
3
AGND
4
VOUT
5
VIN
6
VLDO
7
BST
8
17
18
19
20
21
PGND 22
LX 23
LX
24
AGND
PAD 1
LX PAD 3
RILIM
7.5K
Ω
RLDO2
10K
Ω
RLDO1
56.2K
Ω
CIN
22μF
RGND
0
100nF
CBST
0.1μF
VIN
+12V
Note:
V5V is tied to VLDO
PGND
PGND
PGND
PGND
PGND
A separate 5V supply for the
SC417/SC427 is not required
if VLDO is used to power the
device.
+
10nF
CFF
100pF
RFB1
11K
Ω
L1
0.88μH
RFB2
10K
Ω
VOUT
1.05V @ 10A, 250kHz
COUT1
220μF
15m
Ω
ENABLE/
PSAVE
ENABLE
LDO
All other small signal components (resistors and capacitors) are standard SMT devices.
Component
Value
Manufacturer
Part Number
Web
CIN
22μF/25V
Murata
GRM32ER61E226KE15L
www.murata.com
www.panasonic.com
COUT1, COUT2
220μF/15m
Ω/6.3V
Panasonic
EEFUE0J221R
www.vishay.com
L1
0.88μH/20A
Vishay
IHLP4040DZERR88M11
Key Components
+
COUT2
15m
Ω
220μF
PGOOD
1μF
Typical Application Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com