Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H310 Datasheet(PDF) 3 Page - Baumer IVO GmbH & Co. KG

Part # H310
Description  Totalizers mechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

H310 Datasheet(HTML) 3 Page - Baumer IVO GmbH & Co. KG

  H310 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG H310 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG H310 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG H310 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.baumerivo.com
Totalizers mechanic
3
www.baumerivo.com
www.baumerivo.com
H 310, M 310, U 310
Stroke, meter and revolution counters
Display 5 digits, manual reset by lever
Part number
H 310. 010 A
01
Display / direction of stroke
A 5-digits 99 999 / I
B 5-digits 99 999 / II
Count mode / drive
01 1 stroke = 1 digit / drive shaft on
both sides
Housing
A Surface mount housing, grey
Reset
010 With reset lever
M 310. 010 A
06
Display / direction of rotation
C 5-digits 9999.9 / I
D 5-digits 9999.9 / II
Count mode / drive
06 5 revolutions = 10 digits =
1.0 m / drive shaft on both sides
Housing
A Surface mount housing, grey
Reset
010 With reset lever
U 310. 010 A
01
Display / direction of rotation
A 5-digits 99 999 / I
B 5-digits 99 999 / II
Count mode / drive
01 1 revolution = 1 digit / drive shaft on
both sides
Housing
A Surface mount housing, grey
Reset
010 With reset lever
Stroke counter
Meter counter
Revolution counter



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com