Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

H310 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # H310
Description  Totalizers mechanic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

H310 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  H310 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG H310 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG H310 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG H310 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Totalizers mechanic
1
www.baumerivo.com
www.baumerivo.com
H 310 - Stroke counter
Features
Stroke, meter and revolution counters
–
Adding and/or subtracting
–
Display 5-digits
–
Reset by lever
–
H 310, M 310, U 310
Technical data - mechanical design
Number of digits
5-digits
Digit height
4.5 mm
Reset
Manual by reset lever.
Do not let snap or make jerky
movements.
Drive shaft
Both sides, ø4 mm
Operating temperature
0...+60 °C
Housing type
Surface mount housing with
mounting plate
Housing colour
Grey
Dimensions W x H x L
69 x 48 x 28 mm
Dimensions mounting plate 80 x 48 mm
Mounting
Base plate, 6 long mounting
holes
Weight approx.
130 g
Materials
Housing: Hostaform POM, grey
Base blate: Steel zinc-coated
Stroke, meter and revolution counters
Display 5 digits, manual reset by lever
M 310 - Meter counter
U 310 - Revolution counter


Similar Part No. - H310

ManufacturerPart #DatasheetDescription
logo
DFI Inc
H310 DFI-H310 Datasheet
1Mb / 2P
9th/8th Gen Intel® CoreTM Processor Thin Mini-ITX
logo
Hi-Sincerity Mocroelect...
H31002P HSMC-H31002P Datasheet
42Kb / 4P
BIPOLAR TONE RINGER ICS
logo
Intersil Corporation
H3101B INTERSIL-H3101B Datasheet
905Kb / 12P
Gilbert Cell UHF Transistor Array
September 2004
logo
List of Unclassifed Man...
H3104A ETC2-H3104A Datasheet
293Kb / 5P
CMOS EEPROM
logo
Harwin Plc
H3108-01 HARWIN-H3108-01 Datasheet
62Kb / 1P
TERMINAL
More results

Similar Description - H310

ManufacturerPart #DatasheetDescription
logo
Baumer IVO GmbH & Co. K...
H126 IVO-H126 Datasheet
346Kb / 2P
Totalizers mechanic
H127 IVO-H127 Datasheet
494Kb / 4P
Totalizers mechanic
H300 IVO-H300 Datasheet
451Kb / 4P
Totalizers mechanic
H400 IVO-H400 Datasheet
508Kb / 4P
Totalizers mechanic
H410 IVO-H410 Datasheet
512Kb / 4P
Totalizers mechanic
M275 IVO-M275 Datasheet
362Kb / 2P
Totalizers mechanic
M310A IVO-M310A Datasheet
305Kb / 2P
Totalizers mechanic
M410A IVO-M410A Datasheet
309Kb / 2P
Totalizers mechanic
T120 IVO-T120 Datasheet
313Kb / 2P
Totalizers mechanic
T130 IVO-T130 Datasheet
294Kb / 2P
Totalizers mechanic
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com