Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD41 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # PCD41
Description  Process displays electronic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

PCD41 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  PCD41 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG PCD41 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.baumerivo.com
www.baumerivo.com
Process displays electronic
www.baumerivo.com
2
PCD41
Part number
PCD41.
PX01
Voltage supply
1 24 / 48 VAC
2 115 / 230 VAC
3 12...30 VDC
Inputs / outputs
0 0...10 V / without limits
1 0...20 mA / without limits
2 0...10 V / with limits
3 0...20 mA / with limits
Interface
0 Without interface
1 RS422 / RS485
2 RS232
Analgoue measured value input, 2 limits
Large 14 mm display LED, 6-digits, programmable
Comparator inputs
Input circuit
Control inputs
PNP-logic
Input level
Programmable
Input level Low
0...2 VDC
Input level High
3...40 VDC
Input resistance
3 kΩ
Relay outputs
Output circuit
Switching voltage max.
250 VAC / 110 VDC
Switching current max.
1 A
Switching capacity max.
150 VA / 30 W
Relay responding time
5 ms
Trigger level
Measuring value
Limit 1
Limit 2
Measuring
value
Interface
RS485/RS422
TxD+
TxD-
RxD+
RxD-
T,R+
T,R-
Peak-value memory
1
2
Interface
RS232
TxD
RxD
GND
1
2
7
8
9
10
11
12
3
4
5
6
22
23
24
25
25
22
24
Voltage
supply
Analog input
Control input
P2
Output
Sensor
supply
+
-
P1
RS485
RS422
+
-
Block circuit diagram
Dimensions
96
109
123.75
19.75
1-10
7
RS232
RS422
RS485
+24V 0V
P2
P1
25 24 23 22
12
11 10
9
21
87
65
43
21
max. 250 V
terminal - terminal /
- terminal
Limit value
+-
Connection diagram



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com