Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD41 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # PCD41
Description  Process displays electronic
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

PCD41 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  PCD41 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG PCD41 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
www.baumerivo.com
Process displays electronic
1
www.baumerivo.com
www.baumerivo.com
PCD41 - Process display
Features
Process display
–
Display 6-digits
–
Connection: One-channel analogue sensor
–
Two limits as relay output
–
With peak value memory
–
Interface RS232 or RS422/RS485
–
Technical data - electrical ratings
Voltage supply
115/230 VAC ±10 % (50/60 Hz)
24/48 VAC ±10 % (50/60 Hz)
12...30 VDC
Power consumption
6 VA, 4 W
Sensor supply
12...26 VDC / max. 80 mA
Display
LED, 7-segment display
Number of digits
6-digits
Digit height
14 mm
Function
Digital display of 1 analogue
measured value
Measuring principle
Analogue resolution 12 bit
Input logic
PNP
Control inputs
2 Inputs
Control functions
Hold, Reset, Keylock, etc.
Data memory
>10 years in EEPROM
Analogue input
0(2)...10 V, 0(4)...20 mA
Resolution 12 bit
Temp. coeffic. typ. ±20 ppm/°C
Outputs relay
Normally open or closed,
programmable
Interfaces
RS232, RS422, RS485
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-3
Interference immunity
DIN EN 61000-6-2
Programmable
parameters
2 limits, analogue input
Control inputs
Calculating functions
Offset (maximum and minimum
analogue limit)
Approvals
UL/cUL, CE conform
PCD41
Technical data - mechanical design
Operating temperature
0...+50 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
Core cross-section
1.5 mm²
Protection DIN EN 60529 IP 65 face with seal
Operation / keypad
Membrane with softkeys
Housing type
Housing for control panel
installation
Dimensions W x H x L
96 x 48 x 124 mm
Cutout dimensions
94 x 45 mm (+0.6)
Installation depth
123.75 mm
Mounting
Front panel installation by clip
frame
Weight approx.
350 g (AC), 250 g (DC)
Material
Housing: Makrolon 6485 (PC)
Analgoue measured value input, 2 limits
Large 14 mm display LED, 6-digits, programmable
PCD41 is a display for measured values which signals are
available as voltage or DC current. The operator is align-
ing the display by means of the front keypad. Two optional
limits “P1” and “P2” that can be assigned at will allow pro-
duction process control. Furthermore there is an electronic
peak value memory (slave pointer).
Description


Similar Part No. - PCD41

ManufacturerPart #DatasheetDescription
logo
Picker Components
PCD425AC8 PICKER-PCD425AC8 Datasheet
303Kb / 4P
Surface Mount Solid State Relay
PCD440AC8 PICKER-PCD440AC8 Datasheet
303Kb / 4P
Surface Mount Solid State Relay
logo
NXP Semiconductors
PCD4415 NXP-PCD4415 Datasheet
517Kb / 19P
PULSE AND DTMF DIALLER WITH REDIAL
PCD4440T PHILIPS-PCD4440T Datasheet
105Kb / 20P
Analog voice scrambler/descrambler
1996 Dec 20
logo
Baumer IVO GmbH & Co. K...
PCD45 IVO-PCD45 Datasheet
540Kb / 4P
Process displays electronic
More results

Similar Description - PCD41

ManufacturerPart #DatasheetDescription
logo
Rohm
LD-001 ROHM-LD-001 Datasheet
55Kb / 2P
Flat displays
LD-201 ROHM-LD-201 Datasheet
54Kb / 2P
Flat displays
logo
Kingbright Corporation
SA04-11EWA KINGBRIGHT-SA04-11EWA Datasheet
162Kb / 3P
Standard-Displays
logo
Baumer IVO GmbH & Co. K...
PCD45 IVO-PCD45 Datasheet
540Kb / 4P
Process displays electronic
logo
Murata Power Solutions ...
DMS-30LCDA-4 MURATA-PS-DMS-30LCDA-4 Datasheet
464Kb / 6P
Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
logo
Purdy Electronics Corpo...
AND5610 PURDY-AND5610 Datasheet
48Kb / 2P
LED Displays
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
NUMERIC DISPLAYS
logo
OSRAM GmbH
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
Information Displays
LRTGFTM OSRAM-LRTGFTM Datasheet
403Kb / 24P
3-colour displays, RGY displays
logo
Keysight Technologies
U1173B KEYSIGHT-U1173B Datasheet
7Mb / 42P
For Electronic, Electrical and Industrial Process Testing
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com