Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD45 Datasheet(PDF) 2 Page - Baumer IVO GmbH & Co. KG

Part # PCD45
Description  Process displays electronic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

PCD45 Datasheet(HTML) 2 Page - Baumer IVO GmbH & Co. KG

  PCD45 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG PCD45 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG PCD45 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG PCD45 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
www.baumerivo.com
www.baumerivo.com
Process displays electronic
www.baumerivo.com
2
PCD45
Analogue inputs and outputs for measured values
Large 14 mm display LED, 6-digits, programmable
Comparator inputs
Input circuit
Inputs
PNP-logic
Input level
Programmable
Input level Low
0...2 VDC
Input level High
3...40 VDC
Input resistance
3 kΩ
Relay outputs
Output circuit
Switching voltage max.
250 VAC / 110 VDC
Switching current max.
1 A
Switching capacity max.
150 VA / 30 W
Relay responding time
5 ms
Trigger level
F1 +
F1 –
F2 +
3
Measuring value F1
Measuring value F2
Measuring value F3
Calculation
functions
Ratio F1 : F2
Difference F1 - F2
Stretching
Shrinking
Adding F1 + F2
Output
P1
P2
Limit P1
Measuring value
F1 / F2 / F3
Sensor
supply
Limit P2
1
2
F2 –
±10V
0V
A1
A2
A3
±10V
0V
±10V
0V
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
25
26
27
28
29
30
+
-
Voltage
supply
Analog input
Control input
Analog output
Interface
RS485/RS422
TxD
TxD-
RxD+
RxD-
T,R
T,R
Interface
RS232
TxD
RxD
GND
16
17
18
19
19
16
18
RS485
RS422
+
+
-
+
-
Block circuit diagram
RS422
max. 250 V
terminal - terminal /
- terminal
30 29 28 27 26 25
19 18 17 16
RS232
Limit value
+V
32
1+
-+
-0VP2P1
12 11 10
1
2
3
4
5
6
7
8
9
15 14 13
F2
F1
Analog output
A3
A2
A1
RS485
Connection diagram



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com