Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCD45 Datasheet(PDF) 1 Page - Baumer IVO GmbH & Co. KG

Part # PCD45
Description  Process displays electronic
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IVO [Baumer IVO GmbH & Co. KG]
Direct Link  http://www.baumer.com/
Logo IVO - Baumer IVO GmbH & Co. KG

PCD45 Datasheet(HTML) 1 Page - Baumer IVO GmbH & Co. KG

  PCD45 Datasheet HTML 1Page - Baumer IVO GmbH & Co. KG PCD45 Datasheet HTML 2Page - Baumer IVO GmbH & Co. KG PCD45 Datasheet HTML 3Page - Baumer IVO GmbH & Co. KG PCD45 Datasheet HTML 4Page - Baumer IVO GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.baumerivo.com
Process displays electronic
1
www.baumerivo.com
www.baumerivo.com
PCD45 - Process display
Features
Process display
–
Display 6-digits
–
Connection: Two one-channel analogue sensors
–
Two limits
–
Ratio display
–
Three analgue outputs
–
Programmable peak value memory (slave pointer)
–
Interface RS232 or RS422/RS485
–
PCD45
Analogue inputs and outputs for measured values
Large 14 mm display LED, 6-digits, programmable
Technical data - electrical ratings
Voltage supply
85...265 VAC (50/60 Hz)
18...30 VDC
Power consumption
7 VA, 5 W
Sensor supply
18 VDC ±10 % / 350 mA
Display
LED, 7-segment display
Number of digits
6-digits
Digit height
14 mm
Function
Digital display of 2 analogue
measured values
Peak value memory (slave
pointer)
Measuring principle
Analogue resolution 12 bit
Input logic
PNP
Control inputs
3 outputs
Control functions
Hold, Reset, Keylock, etc.
Data memory
>10 years in EEPROM
Analogue input
0(2)...10 V, 0(4)...20 mA
Resolution 12 bit
Temp. coeffic. typ. ±20 ppm/°C
Analogue output
3 analogue outputs
0...+10 V, -10...+10 V
Resolution 12 bit
Temp. coeffic. typ. ±20 ppm/°C
Outputs relay
Potential-free change-over
contact
Interfaces
RS232, RS422, RS485
Standard
DIN EN 61010-1
Protection class II
Overvoltage category II
Pollution degree 2
Emitted interference
DIN EN 61000-6-3
Interference immunity
DIN EN 61000-6-2
Technical data - mechanical design
Operating temperature
0...+50 °C
Storing temperature
-20...+70 °C
Relative humidity
80 % non-condensing
Core cross-section
1.5 mm²
Protection DIN EN 60529 IP 65 face with seal
Operation / keypad
Membrane with softkeys
Housing type
Housing for control panel
installation
Dimensions W x H x L
96 x 48 x 124 mm
Cutout dimensions
96 x 45 mm (+0.6)
Installation depth
123.75 mm
Mounting
Front panel installation by clip
frame
Weight approx.
350 g (AC), 250 g (DC)
Material
Housing: Makrolon 6485 (PC)
Two analog inputs for connection of two sensors. This
information can be indicated by F1 and F2. Both measured
values F1 and F2 are calculated internally and output by F3.
The measured values F1, F2 and F3 can be output as sepa-
rate analogue signals -10...+10 V / 0...+10 V for process
control. Two limits „P1“ and „P2“ that may be assigned at
will enable monitoring of production processes.
Description
Technical data - electrical ratings
Programmable
parameters
Analogue inputs and outputs
2 limits
Control inputs
Calculating functions
Offset (maximum and minimum
analogue limit)
Approvals
UL/cUL, CE conform


Similar Part No. - PCD45

ManufacturerPart #DatasheetDescription
logo
Nippon Pulse America, I...
PCD4500 NPM-PCD4500 Datasheet
809Kb / 4P
Programmable Pulse Generators PCL/PCD Series
PCD4511 NPM-PCD4511 Datasheet
809Kb / 4P
Programmable Pulse Generators PCL/PCD Series
PCD4521 NPM-PCD4521 Datasheet
809Kb / 4P
Programmable Pulse Generators PCL/PCD Series
PCD4541 NPM-PCD4541 Datasheet
809Kb / 4P
Programmable Pulse Generators PCL/PCD Series
More results

Similar Description - PCD45

ManufacturerPart #DatasheetDescription
logo
Rohm
LD-001 ROHM-LD-001 Datasheet
55Kb / 2P
Flat displays
LD-201 ROHM-LD-201 Datasheet
54Kb / 2P
Flat displays
logo
Kingbright Corporation
SA04-11EWA KINGBRIGHT-SA04-11EWA Datasheet
162Kb / 3P
Standard-Displays
logo
Baumer IVO GmbH & Co. K...
PCD41 IVO-PCD41 Datasheet
423Kb / 2P
Process displays electronic
logo
Murata Power Solutions ...
DMS-30LCDA-4 MURATA-PS-DMS-30LCDA-4 Datasheet
464Kb / 6P
Loop-Powered, 1.8V Drop, 4-20mA Process Monitors with Full-Size LCD Displays
logo
Purdy Electronics Corpo...
AND5610 PURDY-AND5610 Datasheet
48Kb / 2P
LED Displays
logo
Texas Instruments
TIL304 TI-TIL304 Datasheet
102Kb / 7P
NUMERIC DISPLAYS
logo
OSRAM GmbH
LOT64F OSRAM-LOT64F Datasheet
2Mb / 24P
Information Displays
LRTGFTM OSRAM-LRTGFTM Datasheet
403Kb / 24P
3-colour displays, RGY displays
logo
Keysight Technologies
U1173B KEYSIGHT-U1173B Datasheet
7Mb / 42P
For Electronic, Electrical and Industrial Process Testing
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com