Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN920SO Datasheet(PDF) 2 Page - STMicroelectronics

Part # VN920SO
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920SO Datasheet(HTML) 2 Page - STMicroelectronics

  VN920SO Datasheet HTML 1Page - STMicroelectronics VN920SO Datasheet HTML 2Page - STMicroelectronics VN920SO Datasheet HTML 3Page - STMicroelectronics VN920SO Datasheet HTML 4Page - STMicroelectronics VN920SO Datasheet HTML 5Page - STMicroelectronics VN920SO Datasheet HTML 6Page - STMicroelectronics VN920SO Datasheet HTML 7Page - STMicroelectronics VN920SO Datasheet HTML 8Page - STMicroelectronics VN920SO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 25 page
background image
2/25
VN920 / VN920-B5 / VN920SO
ABSOLUTE MAXIMUM RATING
CONFIGURATION DIAGRAM (TOP VIEW) & SUGGESTED CONNECTIONS FOR UNUSED AND N.C.
PINS
CURRENT AND VOLTAGE CONVENTIONS
Symbol
Parameter
Value
Unit
PENTAWATT
P2PAK
SO-16L
VCC
DC Supply Voltage
41
V
- VCC
Reverse DC Supply Voltage
- 0.3
V
- IGND
DC Reverse Ground Pin Current
- 200
mA
IOUT
DC Output Current
Internally Limited
A
- IOUT
Reverse DC Output Current
- 21
A
IIN
DC Input Current
+/- 10
mA
VCSENSE
Current Sense Maximum Voltage
-3
+15
V
V
VESD
Electrostatic Discharge
(Human Body Model: R=1.5K
Ω; C=100pF)
- INPUT
- CURRENT SENSE
- OUTPUT
- VCC
4000
2000
5000
5000
V
V
V
V
EMAX
Maximum Switching Energy
(L=0.25mH; RL=0Ω; Vbat=13.5V; Tjstart=150ºC; IL=45A)
364
352
mJ
PTOT
Power Dissipation TC≤25°C
96.1
96.1
8.3
W
Tj
Junction Operating Temperature
Internally limited
°C
Tc
Case Operating Temperature
- 40 to 150
°C
TSTG
Storage Temperature
- 55 to 150
°C
1
5
4
3
2
1
VCC
GND
INPUT
CSENSE
OUTPUT
PENTAWATT
3
2
1
4
5
VCC
GND
INPUT
CSENSE
OUTPUT
P
2PAK
IS
IGND
VCC
VCC
VSENSE
OUTPUT
IOUT
CURRENT SENSE
ISENSE
INPUT
IIN
VIN
VOUT
GND
VCC
OUTPUT
OUTPUT
OUTPUT
OUTPUT
VCC
OUTPUT
OUTPUT
VCC
N.C.
N.C.
CSENSE
INPUT
VCC
GND
N.C.
1
8
9
16
SO-16L
VF
Connection / Pin
Current Sense
N.C.
Output
Input
Floating
X
X
X
To Ground
Through 1K
Ω
resistor
X
Through 10K
Ω
resistor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com