Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VN920SO Datasheet(PDF) 1 Page - STMicroelectronics

Part # VN920SO
Description  SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VN920SO Datasheet(HTML) 1 Page - STMicroelectronics

  VN920SO Datasheet HTML 1Page - STMicroelectronics VN920SO Datasheet HTML 2Page - STMicroelectronics VN920SO Datasheet HTML 3Page - STMicroelectronics VN920SO Datasheet HTML 4Page - STMicroelectronics VN920SO Datasheet HTML 5Page - STMicroelectronics VN920SO Datasheet HTML 6Page - STMicroelectronics VN920SO Datasheet HTML 7Page - STMicroelectronics VN920SO Datasheet HTML 8Page - STMicroelectronics VN920SO Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
®
July 2004
1/25
UNDERVOLTAGE
OVERTEMPERATURE
VCC
GND
INPUT
OUTPUT
OVERVOLTAGE
CURRENT LIMITER
LOGIC
DRIVER
Power CLAMP
VCC
CLAMP
VDS LIMITER
DETECTION
DETECTION
DETECTION
K
IOUT
CURRENT
SENSE
VN920
/ VN920-B5 / VN920SO
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
s
CMOS COMPATIBLE INPUT
s
PROPORTIONAL LOAD CURRENT SENSE
s
SHORTED LOAD PROTECTION
s
UNDERVOLTAGE AND OVERVOLTAGE
SHUTDOWN
s
OVERVOLTAGE CLAMP
s
THERMAL SHUTDOWN
s
CURRENT LIMITATION
s
PROTECTION AGAINST LOSS OF GROUND
AND LOSS OF VCC
s
VERY LOW STAND-BY POWER DISSIPATION
s
REVERSE BATTERY PROTECTION (*)
DESCRIPTION
The VN920, VN920-B5, VN920SO is a monolithic
device
made
by
using
STMicroelectronics
VIPower M0-3 Technology, intended for driving
any kind of load with one side connected to
ground. Active VCC pin voltage clamp protects the
device against low energy spikes (see ISO7637
transient
compatibility
table).
Active
current
limitation combined with thermal shutdown and
automatic restart protect the device against
overload. The device integrates an analog current
sense output which delivers a current proportional
to the load current. Device automatically turns off
in case of ground pin disconnection.
TYPE
RDS(on)
IOUT
VCC
VN920
VN920-B5
VN920SO
16m
Ω
30 A
36 V
PENTAWATT
P2PAK
SO-16L
ORDER CODES
PACKAGE
TUBE
T&R
PENTAWATT
VN920
-
P2PAK
VN920-B5
VN920-B513TR
SO-16L
VN920SO
VN920SO13TR
BLOCK DIAGRAM
(*) See application schematic at page 8
Rev. 2


Similar Part No. - VN920SO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN920SO-E STMICROELECTRONICS-VN920SO-E Datasheet
383Kb / 24P
HIGH SIDE DRIVER
Oct-2004
VN920SOTR-E STMICROELECTRONICS-VN920SOTR-E Datasheet
499Kb / 23P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
May-2003
More results

Similar Description - VN920SO

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VN460SP STMICROELECTRONICS-VN460SP Datasheet
76Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN610SP STMICROELECTRONICS-VN610SP Datasheet
72Kb / 10P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Sep-1999
VN920SP STMICROELECTRONICS-VN920SP Datasheet
273Kb / 16P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
rev. A
VN920PEP STMICROELECTRONICS-VN920PEP Datasheet
181Kb / 10P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
Mar-2004
VNQ660SPTR-E STMICROELECTRONICS-VNQ660SPTR-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VN460SP-E STMICROELECTRONICS-VN460SP-E Datasheet
87Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Jun-1998
VN920SOTR-E STMICROELECTRONICS-VN920SOTR-E Datasheet
499Kb / 23P
SINGLE CHANNEL HIGH SIDE SOLID STATE RELAY
May-2003
VNQ660SP-E STMICROELECTRONICS-VNQ660SP-E Datasheet
408Kb / 26P
Quad channel high side solid state relay
03-Dec-2008
VN460SPTR-E STMICROELECTRONICS-VN460SPTR-E Datasheet
165Kb / 9P
SINGLE CHANNEL HIGH SIDE SMART SOLID STATE RELAY
Sep-2013
VN920-B5H STMICROELECTRONICS-VN920-B5H Datasheet
1Mb / 26P
Single-channel high-side solid state relay
September 2013 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com